データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


AD4016M44VPA-5 データシート(Datasheet) 10 Page - List of Unclassifed Manufacturers

部品番号. AD4016M44VPA-5
部品情報  Low voltage operation is more suitable to be used on battery backup, portable electronic
ダウンロード  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo 

 10 page
background image
Rev.1
Page 10
AC Characteristics
(
Ta = 0 to + 70°C, Vcc = 3.3V
%, Vss = 0V) *1, *2, *3, *4
Test conditions
• Output load: one TTL Load and 100pF (VCC = 3.3V
%)
• Input timing reference levels:
VIH = 2.0V, VIL = 0.8V (VCC = 3.3V
%)
• Output timing reference levels:
VOH = 2.0V, VOL = 0.8V
10
±
10
±
10
±
Read, Write, Read- Modify- Write and Refresh Cycles
(Common Parameters)
Parameter
Symbol
AD404M42V
Unit
Notes
-5
-6
Min
Max
Min
Max
Random read or write cycle time
tRC
84
-
104
-
ns
RAS precharge time
tRP
30
-
40
-
ns
CAS precharge time in normal mode
tCPN
10
-
10
-
ns
RAS pulse width
tRAS
50
10000
60
10000
ns
5
CAS pulse width
tCAS
8
10000
10
10000
ns
6
Row address setup time
tASR
0
-
0
-
ns
Row address hold time
tRAH
8
-
10
-
ns
Column address setup time
tASC
0
-
0
-
ns
7
Column address hold time
tCAH
8
-
10
-
ns
RAS to CAS delay time
tRCD
12
37
14
45
ns
8
RAS to column address delay time
tRAD
10
25
12
30
ns
9
Column address to RAS lead time
tRAL
25
-
30
-
ns
RAS hold time
tRSH
8
-
10
-
ns
CAS hold time
tCSH
38
-
40
-
ns
CAS to RAS precharge time
tCRP
5
-
5
-
ns
10
OE to Din delay time
tOED
12
-
15
-
ns
Transition time (rise and fall)
tT
1
50
1
50
ns
11
Refresh period
tREF
-
32
-
32
ms
Refresh period (S- Version)
tREF
-
128
-
128
ms
CAS to output in Low- Z
tCLZ
0
-
0
-
ns
CAS delay time from Din
tDZC
0
-
0
-
ns
OE delay time from Din
tDZO
0
-
0
-
ns




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
HD74ALVC2G04Low voltage and high speed operation is suitable for the battery powered products 1 2 3 4 5 MoreHitachi Semiconductor
SD275SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
SD200SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C T Operation 1 2 3 Sensitron
BH76806FVMLow voltage operation video driver with LPF 1 2 3 4 5 MoreRohm
SVC381AM Low Voltage Electronic Tuning Applications 1 2 3 Sanyo Semicon Device
SD125SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
V18ZA05Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation 1 2 3 4 5 MoreHarris Corporation
BH76809FVMLow voltage operation video driver with LPF 1 2 3 4 5 MoreRohm
SD175SA60ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
BBY51-03WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl