データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRL60SL216 データシート(PDF) 6 Page - Infineon Technologies AG

部品番号 IRL60SL216
部品情報  Half-bridge and full-bridge topologies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRL60SL216 データシート(HTML) 6 Page - Infineon Technologies AG

Back Button IRL60SL216 Datasheet HTML 2Page - Infineon Technologies AG IRL60SL216 Datasheet HTML 3Page - Infineon Technologies AG IRL60SL216 Datasheet HTML 4Page - Infineon Technologies AG IRL60SL216 Datasheet HTML 5Page - Infineon Technologies AG IRL60SL216 Datasheet HTML 6Page - Infineon Technologies AG IRL60SL216 Datasheet HTML 7Page - Infineon Technologies AG IRL60SL216 Datasheet HTML 8Page - Infineon Technologies AG IRL60SL216 Datasheet HTML 9Page - Infineon Technologies AG IRL60SL216 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
2016-1-19
 
IRL60S/SL216
Fig 14. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 16. Maximum Avalanche Energy vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 15, 16:
(For further info, see AN-1005 at www.irf.com)
1.Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for every
part type.
2. Safe operation in Avalanche is allowed as long asTjmax is not
exceeded.
3. Equation below based on circuit and waveforms shown in Figures
23a, 23b.
4. PD (ave) = Average power dissipation per single avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for voltage
increase during avalanche).
6. Iav = Allowable avalanche current.
7.
T = Allowable rise in junction temperature, not to exceed Tjmax
(assumed as 25°C in Figure 14, 15).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see Figures 14)
PD (ave) = 1/2 ( 1.3·BV·Iav) = T/ ZthJC
Iav = 2T/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav  
Fig 15. Avalanche Current vs. Pulse Width
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
600
TOP
Single Pulse
BOTTOM 1.0% Duty Cycle
ID = 100A
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
1
10
100
1000
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
j = 25°C and
Tstart = 150°C.
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
Tj = 150°C and
Tstart = 25°C (Single Pulse)


同様の部品番号 - IRL60SL216

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
IRL60S216 ISC-IRL60S216 Datasheet
299Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IRL60SC216 INFINEON-IRL60SC216 Datasheet
1Mb / 11P
   StrongIRFET
Rev.2.2,2020-07-02
More results

同様の説明 - IRL60SL216

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFH7085PBF IRF-IRFH7085PBF_15 Datasheet
508Kb / 11P
   Half-bridge and full-bridge topologies
IRFH7084PBF IRF-IRFH7084PBF Datasheet
788Kb / 10P
   Half-bridge and full-bridge topologies
logo
Infineon Technologies A...
IRFH7084PBF INFINEON-IRFH7084PBF Datasheet
753Kb / 12P
   Half-bridge and full-bridge topologies
2017-01-24
logo
International Rectifier
IRFH7084PBF IRF-IRFH7084PBF_15 Datasheet
715Kb / 11P
   Half-bridge and full-bridge topologies
logo
Infineon Technologies A...
IRFH7085PBF INFINEON-IRFH7085PBF Datasheet
1Mb / 12P
   Half-bridge and full-bridge topologies
Rev. 2.3, 2020-04-16
logo
Sirectifier Semiconduct...
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB180 SIRECTIFIER-S3PHB180 Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
logo
Solid States Devices, I...
PM0027A SSDI-PM0027A_15 Datasheet
140Kb / 3P
   HALF BRIDGE
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com