データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDD10N02 データシート(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

部品番号 SDD10N02
部品情報  10 Ampere Heatsink Dual Tandem Polarity General Purpose Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  THINKISEMI [Thinki Semiconductor Co., Ltd.]
ホームページ  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SDD10N02 データシート(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SDD10N02 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SDD10N02 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
CJ
pF
RθJC
°C/W
TJ
°C
TSTG
°C
SDD
10N05
SDD
10N06
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SDD
10N07
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
PARAMETER
SYMBOL SDD
10N01
SDD
10N02
SDD
10N03
SDD
10N04
5
μA
Maximum DC blocking voltage
Maximum average forward rectified current
10
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
125
Note 1: Pulse test with PW=300μs, 1% duty cycle
30
A
Maximum instantaneous forward voltage (Note 1)
@ 5 A
VF
V
3
Maximum reverse current @ rated VR
TJ=25°C
IR
Typical junction capacitance (Note 2)
Typical thermal resistance
TJ=125°C
200
Note 2: Measured at 1 MHz and applied reverse voltage of 4.0 V DC.
1.1
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Pb Free Plating Product
SDD10N01 thru SDD10N07
Pb
Features
Low forward voltage drop
High current capability
Case: Heatsink TO-220CE package
High surge current capability
Weight: 2.0 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
TO-220AB
Unit:mm
Application
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS,UPS and Motor Control
Car Audio Amplifiers and Sound Device Systems etc..
10 Ampere Heatsink Dual Tandem Polarity General Purpose Rectifier Diodes
Latest&matured mesa technology with high reliablity
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series
Tandem Polarity
Prefix "SDA"
Prefix "SDS"
Prefix "SDD"
Prefix "SDK"
®
SDD10N01 thru SDD10N07
φ3.6
0±0.
20
9.90±0.20
2.54typ
0.80±0.20
1.27±0.20
1.52±0.20
1.30±0.20
4.50±0.20
0.50±0.20
2.40±0.20
2.54typ
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.05
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
oC ambient temperature unless otherwise specified.


同様の部品番号 - SDD10N02

メーカー部品番号データシート部品情報
logo
Sirectifier Semiconduct...
SDD10N02 SIRECTIFIER-SDD10N02 Datasheet
127Kb / 1P
   Discrete Diodes
More results

同様の説明 - SDD10N02

メーカー部品番号データシート部品情報
logo
Thinki Semiconductor Co...
MUR1620CTD-CT THINKISEMI-MUR1620CTD-CT Datasheet
263Kb / 2P
   16.0 Ampere Heatsink Dual Tandem Polarity Ultra Fast Recovery Rectifier
GP1601D THINKISEMI-GP1601D Datasheet
266Kb / 2P
   16.0 Ampere Dual Doubler Tandem General Purpose Rectifier Diodes
ESAC25-02S THINKISEMI-ESAC25-02S Datasheet
695Kb / 2P
   10 Ampere Heatsink Dual Tandem Polarity Fast Recovery Half Bridge Rectifiers
HBR1020CJR THINKISEMI-HBR1020CJR Datasheet
1Mb / 2P
   10.0 Ampere Heatsink Tandem Polarity Schottky Half Bridge Rectifier
ESAD25-02D THINKISEMI-ESAD25-02D Datasheet
206Kb / 2P
   16.0 Ampere Dual Doubler Tandem Polarity Fast Recovery Rectifier Diodes
MUR2020GD THINKISEMI-MUR2020GD Datasheet
758Kb / 2P
   20.0 Ampere Heatsink Dual Tandem Polarity Ultra Fast Recovery Rectifiers
ESAD39-02D THINKISEMI-ESAD39-02D Datasheet
703Kb / 2P
   10 Ampere Heatsink Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
GPA1601R THINKISEMI-GPA1601R Datasheet
497Kb / 2P
   16.0 Ampere Reverse Polarity General Purpose Rectifier Diodes
SF104D THINKISEMI-SF104D Datasheet
620Kb / 2P
   10.0 Ampere Dual Tandem Polarity Super Fast Recovery Rectifier
U10A2CID THINKISEMI-U10A2CID Datasheet
618Kb / 2P
   10.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Diodes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com