データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZTA42 データシート(PDF) 2 Page - Infineon Technologies AG

部品番号 PZTA42
部品情報  NPN Silicon High Voltage Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PZTA42 データシート(HTML) 2 Page - Infineon Technologies AG

  PZTA42 Datasheet HTML 1Page - Infineon Technologies AG PZTA42 Datasheet HTML 2Page - Infineon Technologies AG PZTA42 Datasheet HTML 3Page - Infineon Technologies AG PZTA42 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PZTA42
Jun-29-2001
2
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO
300
-
-
V
Collector-base breakdown voltage
IC = 100 µA, IB = 0
V(BR)CBO
300
-
-
Emitter-base breakdown voltage
IE = 100 µA, IC = 0
V(BR)EBO
6
-
-
Collector cutoff current
VCB = 200 V, IE = 0
ICBO
-
-
100
nA
Collector cutoff current
VCB = 200 V, IE = 0 , TA = 150 °C
ICBO
-
-
20
µA
Emitter cutoff current
VEB = 3 V, IC = 0
IEBO
-
-
100
nA
DC current gain 1)
IC = 1 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 30 mA, VCE = 10 V
hFE
25
40
40
-
-
-
-
-
-
-
Collector-emitter saturation voltage1)
IC = 20 mA, IB = 2 mA
VCEsat
-
-
0.5
V
Base-emitter saturation voltage 1)
IC = 20 mA, IB = 2 mA
VBEsat
-
-
0.9
AC Characteristics
fT
-
70
Transition frequency
IC = 20 mA, VCE = 10 V, f = 100 MHz
MHz
-
Ccb
-
-
3
pF
Collector-base capacitance
VCB = 20 V, f = 1 MHz
1) Pulse test: t < 300
s; D < 2%


同様の部品番号 - PZTA42

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Continental Device Indi...
PZTA42 CDIL-PZTA42 Datasheet
209Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Goodwork Semiconductor ...
PZTA42 GWSEMI-PZTA42 Datasheet
784Kb / 3P
   Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
PZTA42 SIEMENS-PZTA42 Datasheet
127Kb / 4P
   NPN Silicon High-Voltage Transistors
logo
GUANGDONG HOTTECH INDUS...
PZTA42 HOTTECH-PZTA42 Datasheet
188Kb / 2P
   Plastic-Encapsulate Transistors
More results

同様の説明 - PZTA42

メーカー部品番号データシート部品情報
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
   NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5550 ZOWIE-MMBT5550 Datasheet
84Kb / 4P
   HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
   NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
   NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
   NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
   High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
   High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_11 Datasheet
215Kb / 3P
   NPN Silicon High Voltage Transistor
logo
Zowie Technology Corpor...
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
   HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
   NPN Silicon High Voltage Transistor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com