データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAPA831 データシート(PDF) 1 Page - Axiomtek Co., Ltd.

部品番号 CAPA831
部品情報  1 DDR3 SO-DIMM supports up to 4 GB memory capacity
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AXIOMTEK [Axiomtek Co., Ltd.]
ホームページ  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CAPA831 データシート(HTML) 1 Page - Axiomtek Co., Ltd.

  CAPA831_16 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
117
* All specifications and photos are subject to change without notice.
Features
CAPA831
3.5" Embedded SBC with Intel® Atom™
D2550/N2600/N2800, Intel® NM10, LVDS/
DisplayPort/VGA, Dual LANs and Audio
Intel® Atom™ processor D2550 (1.86 GHz)/N2800
(1.86 GHz)/N2600 (1.6 GHz)
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
6 USB 2.0 ports
4 COM ports
DisplayPort, LVDS, and VGA with dual view supported
PCI Express Mini Card with mSATA supported
I/O
System
MIO
2 x RS-232/422/485 (COM 1/2); with +5V/+12V powered
2 x RS-232 (COM 3/4); with +5V/+12V powered
SATA
1 x SATA-300
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
2 ports as 10/100/1000 Mbps support Wake-on-LAN,
PXE Boot ROM with Intel® 82583V
Audio
HD Codec audio as MIC-in/Line-in/Line-out/Speaker-out
with Realtek ALC662
USB
6 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
8 channels IN/OUT programmable
TPM
ST 33TPM12LPC with TPM 1.2 compliant
CPU
Intel® Atom™ processor D2550 1.86 GHz, N2800 1.86 GHz,
N2600 1.6 GHz dual core onboard
System Memory
1 x 204-pin SO-DIMM supports DDR3-800/1066
max. up to 4 GB (N2600 supports DDR-800 max. up to 2 GB)
Chipset
Intel® NM10
BIOS
AMI UEFI BIOS
SSD
1 x CFast™
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCI Express Mini Card V1.2 with mSATA
Battery
Lithium 3V/220mAH
Power Input
2 x 2-pin connectors
+12V DC-in only
AT Auto Power On function supported
Power Requirement
Intel® Atom™ D2550 @ 1.86 GHz, 1 GB DDR3
Max. RMS: +12V @ 1.48A
Size
146 x 104 mm
Board Thickness
1.6 mm
Operating Temperature
Standard: 0°C ~ +60°C (32°F ~ 140°F)
Optional: -20°C ~ +70°C (-4°F ~ +158°F)
Operation Humidity
10% ~ 95% relative humidity, non-condensing
Top view
Display
Chipset
Intel® GMA 3650 graphics core for D2550/ N2800
Intel® GMA 3600 graphics core for N2600
Memory Size
Share system memory
Display Interface
1 x VGA
1 x DisplayPort
1 x LVDS; 18/24-bit single/dual channel
DDR3 SO-DIMM
CFast™
Rear view
Ordering Information
Packing List
Standard
CAPA831VPGGA-N2800
(fanless)
(P/N: E38E831103)
3.5" embedded SBC with Intel® Atom™ N2800 1.86 GHz,
VGA/DisplayPort/ LVDS, 2 GbE LANs and audio
CAPA831VPGGA-N2600
(fanless)
(P/N: E38E831105)
3.5" embedded SBC with Intel® Atom™ N2600 1.6 GHz,
VGA/DisplayPort/ LVDS, 2 GbE LANs and audio
CAPA831VPGGA-D2550
(P/N: E38E831106)
3.5" embedded SBC with Intel® Atom™ D2550 1.86 GHz,
VGA/DisplayPort/ LVDS, 2 GbE LANs, audio and heatsink fan
Optional
CAPA831VPGGA-N2800
w/ WT (fanless)
3.5” embedded SBC with Intel® Atom™ N2800 1.86 GHz,
VGA/DisplayPort/LVDS, 2 GbE LANs, audio and WT
(-20°C ~ +70°C)
CAPA831VPGGA-D2550
w/ WT (fanless)
(P/N: E38E831108)
3.5” embedded SBC with Intel® Atom™ D2550 1.86 GHz,
VGA/DisplayPort/LVDS, 2 GbE LANs, audio and WT
(-20°C ~ +70°C)
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59382620000E
1 x COM w/ bracket P=2.0mm, L=300 mm
1
59384500100E
Audio cable w/ bracket P=2,450 mm
1
59382631000E
2 x USB 2.0 wafer cable w/ bracket 180 mm
1
Optional
59380000300E
2 x COM w/ bracket P=1.27 x 2.54, L=300 mm
59070213000E
DisplayPort to VGA cable, L=100 mm
59040131000E
DisplayPort to DVI cable, L=220 mm
59050203000E
DisplayPort to HDMI cable, L=185 mm
59091501000E
DisplayPort to DisplayPort cable, L=1500 mm
Ethernet 2
USB 2.0 3~6
USB 2.0 1/2
VGA
Ethernet 1
DisplayPort
Audio
COM 1
SATA
COM 2
COM 3/4
PCI Express Mini Card
w/mSATA supported
LVDS LCD
Fanless
Low Power
DDR3
DDR3
DDR3
CFastTM
Full Solid
Cap Design
AiRD
Updated February 26, 2016.


同様の部品番号 - CAPA831_16

メーカー部品番号データシート部品情報
logo
Axiomtek Co., Ltd.
CAPA831 AXIOMTEK-CAPA831_14 Datasheet
493Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
More results

同様の説明 - CAPA831_16

メーカー部品番号データシート部品情報
logo
Axiomtek Co., Ltd.
EP100 AXIOMTEK-EP100_16 Datasheet
330Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
NANO101 AXIOMTEK-NANO101_14 Datasheet
486Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA112 AXIOMTEK-CAPA112_14 Datasheet
572Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
NANO100 AXIOMTEK-NANO100_14 Datasheet
485Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO831 AXIOMTEK-PICO831_14 Datasheet
769Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA110 AXIOMTEK-CAPA110_16 Datasheet
239Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO100 AXIOMTEK-PICO100_16 Datasheet
373Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
NANO100 AXIOMTEK-NANO100_16 Datasheet
332Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA111 AXIOMTEK-CAPA111_14 Datasheet
350Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA831 AXIOMTEK-CAPA831_14 Datasheet
493Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO100 AXIOMTEK-PICO100_14 Datasheet
387Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com