データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD-904 データシート(PDF) 1 Page - Axiomtek Co., Ltd.

部品番号 AD-904
部品情報  Flexible, low cost and high performance
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AXIOMTEK [Axiomtek Co., Ltd.]
ホームページ  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AD-904 データシート(HTML) 1 Page - Axiomtek Co., Ltd.

  AD-904 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Standard AD board & kit for LCD display
Features
Flexible, low cost and high performance
For industrial, kiosk, gaming, digital signage application
For 5.7" - 70" LCD panel with LVDS interface
Optional RS232 remote control
Optional light sensor for auto-dimming
Optional LVDS-to-TTL convertion
Optional 24V DC input
Optional audio output (1W x 2)
Specifications
Hor. Frequency
30 ~ 94 KHz
VGA connector
15 pin D-sub
Ver. Frequency
48 - 75 Hz
DVI-D connector
24+5P D-sub
Video
Resolution
1920x1200 @60Hz
DC connector
2.5mm diameter
188MHz for VGA
DC input
12 Vdc / 0.2A
165MHz for DVI
Consumption
< 2.5W
Plug & Play
DDC 1/2 Bi, 2B+
Power saving
< 0.5W
8 bit 16.7M true color
Management
VESA DPMS
9300K, 7500K, 6500K, user mode
Panel selection
3.3V / 5V / 12V
Power, Enter, Left, Right, Auto
Auxiliary o/p
12V / 5V
8 multi-languages
120 (L) x 90 (W) x 16 (H) mm
Operation
-20 ~ 70 degree C
Packing quantity
100 pcs / carton
Storage
-30 ~ 80 degree C
Agency
FCC / CE compliance
Ordering information
Kit accessory :
1). OSD board
2). OSD wire
Selected options :
1). LVDS wire
2). LED wire or inverter wire
3). VGA cable
4). DVI cable
5). RS232 cable
6). Audio cable
7). LED controller or inverter
8). Power adapter
9). Power cord
10). RS232 board
11). Light sensor board
12). Speaker
Product drawing
AD board
OSD board
RS-232 board
* All specification and photos are subject to change without notice.
AD-904, KT-904
Pixel rate
Temperature
Input
Power
Dimension
Colors
OSD adjustment


同様の部品番号 - AD-904

メーカー部品番号データシート部品情報
logo
Axiomtek Co., Ltd.
AD-903 AXIOMTEK-AD-903 Datasheet
209Kb / 1P
   Flexible, low cost and high performance
AD-905 AXIOMTEK-AD-905 Datasheet
268Kb / 1P
   Flexible, low cost and high performance
logo
Bothhand USA, LP.
AD-9063 BOTHHAND-AD-9063 Datasheet
109Kb / 2P
   ADSL CPE SIDE SPLITTER
logo
Axiomtek Co., Ltd.
AD-907 AXIOMTEK-AD-907 Datasheet
226Kb / 1P
   Flexible, low cost and high performance
More results

同様の説明 - AD-904

メーカー部品番号データシート部品情報
logo
Axiomtek Co., Ltd.
AD-903 AXIOMTEK-AD-903 Datasheet
209Kb / 1P
   Flexible, low cost and high performance
LD-065 AXIOMTEK-LD-065 Datasheet
187Kb / 1P
   Flexible, low cost and high performance
AD-905 AXIOMTEK-AD-905 Datasheet
268Kb / 1P
   Flexible, low cost and high performance
AD-907 AXIOMTEK-AD-907 Datasheet
226Kb / 1P
   Flexible, low cost and high performance
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
   Low cost, high performance , high reliability
HM-TRP ETC2-HM-TRP Datasheet
323Kb / 10P
   Low cost, high performance , high reliability
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
   Low cost, high performance , high reliability
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com