データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF3704ZS データシート(PDF) 1 Page - Kersemi Electronic Co., Ltd.

部品番号 IRF3704ZS
部品情報  High Frequency Synchronous Buck Converters for Computer Processor Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF3704ZS データシート(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRF3704ZS Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF3704ZS Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF3704ZS Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF3704ZS Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF3704ZS Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF3704ZS Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF3704ZS Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF3704ZS Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF3704ZS Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRF3704ZS
Applications
Benefits
l Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Synchronous Buck
Converters for Computer Processor Power
D2Pak
IRF3704ZS
VDSS RDS(on) max Qg
20V
7.9m
:
8.7nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
W
PD @TC = 100°C Maximum Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
f
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
i
–––
2.65
°C/W
RθCS
Case-to-Sink, Flat Greased Surface
f
0.50
–––
RθJA
Junction-to-Ambient
fiÃ
–––
62
RθJA
Junction-to-Ambient (PCB Mount)
gi
–––
40
10 lbf
yin (1.1Nym)
300 (1.6mm from case)
-55 to + 175
57
0.38
28
Max.
67
h
47
h
260
± 20
20
2014-8-13
1
www.kersemi.com


同様の部品番号 - IRF3704ZS

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3704ZS IRF-IRF3704ZS Datasheet
297Kb / 12P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRF3704ZS ISC-IRF3704ZS Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF3704ZSLPBF IRF-IRF3704ZSLPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck
IRF3704ZSPBF IRF-IRF3704ZSPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZSPBF IRF-IRF3704ZSPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck
More results

同様の説明 - IRF3704ZS

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLU7833-701PBF IRF-IRLU7833-701PBF Datasheet
325Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7843 KERSEMI-IRLR7843 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLU8721 KERSEMI-IRLU8721 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZL KERSEMI-IRF3704ZL Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF3707ZPBF IRF-IRF3707ZPBF_15 Datasheet
393Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZPBF KERSEMI-IRFR3709ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com