データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC2050 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPIC2050
部品情報  Serial I/F Controlled 9-Channel Motor-Driver
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2050 データシート(HTML) 10 Page - Texas Instruments

Back Button TPIC2050 Datasheet HTML 6Page - Texas Instruments TPIC2050 Datasheet HTML 7Page - Texas Instruments TPIC2050 Datasheet HTML 8Page - Texas Instruments TPIC2050 Datasheet HTML 9Page - Texas Instruments TPIC2050 Datasheet HTML 10Page - Texas Instruments TPIC2050 Datasheet HTML 11Page - Texas Instruments TPIC2050 Datasheet HTML 12Page - Texas Instruments TPIC2050 Datasheet HTML 13Page - Texas Instruments TPIC2050 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
TPIC2050
SLIS167 – AUGUST 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VLDD = 0x7FF, LDD_IUP = 00
102
120
138
VLDD = 0, LDD_IUP = 00
–10
0
10
LDD current gain by IUP setting
AV(2)(3)
(digital mode only)
VLDD = 0x7FF, LDD_IUP = 01
119
149
178
mA
LDD_MSEL: 01(CD), 10(DVD)
VLDD = 0x7FF, LDD_IUP = 10
141
177
212
VLDD = 0x7FF, LDD_IUP = 11
164
206
247
VLDD = 0x7FF, LDD_IUP = 00
102
120
138
LDD current gain by IUP setting
VLDD = 0, LDD_IUP = 00
–10
0
10
(digital mode only)
AV(2)(3)
VLDD = 0x7FF, LDD_IUP = 01
119
149
178
mA
LDD_MSEL:11(BD) at A9P5V =
VLDD = 0x7FF, LDD_IUP = 10
141
177
212
8.55 to 10.45 V
VLDD = 0x7FF, LDD_IUP = 011
164
206
247
VLDD = 0x7FF, LDD_IUP = 00
98
120
141
LDD current gain by IUP setting
VLDD = 0, LDD_IUP = 00
–10
0
10
(digital mode only)
AV(2)(3)
VLDD = 0x7FF, LDD_IUP = 01
114
149
183
mA
LDD_MSEL:11(BD) at A9P5V =
VLDD = 0x7FF, LDD_IUP = 10
136
177
217
7.65 to 8.55 V
VLDD = 0x7FF, LDD_IUP = 11
158
206
253
ResLDD
LDD current gain
P5V = 4.5 V to 5.5 V, A9P5V = 9.5 V
11
bit
P5V = 5 V VLDDIN = 0
→ 0x7FF
tr
Rise time of ILDD
162
203
243
120 mA
µs
P5V = 5 V VLDDIN =
 0x7FF → 0
tf
Fall time of ILDD
162
203
243
50 mA
IZ
VLDDIN input impedance
100
200
300
k
Ω
LDDdbA
140
200
260
mV
Low voltage dead band
LDDdbA
0x3F
bit
THERMOMETER PART
ResTEMP
Resolution
6
bit
CHIPTEMP[5:0] = 00
8
15
22
Trng
Temperature range
°C
CHIPTEMP[5:0] = 3Fh
155
165
175
FTEMP
Update cycle
10
kHz
ACTUATOR PROTECTION
tintACTTEMP
Update cycle
26
ms
SERIAL PORT VOLTAGE LEVELS
SOMI
High-level output voltage, VOH
IOH = 1 mA
80% SIOV
V
SOMI
Low-level output voltage, VOL
IOL = 1 mA
20% SIOV
V
SIMO
High-level input voltage, VIH
70% SIOV
V
SIMO
Low-level input voltage, VIL
20% SIOV
V
tSIMO
Input rise/fall time
20%
⇔ 80% SIOV
3.5
ns
tSOMI
Output rise/fall time(4)
Cload = 30 pF, 20%
⇔ 80% SIOV
10
ns
RSCLK
Internal pulldown resistance
100
200
300
k
Ω
RSSZ
Internal pullup resistance
100
200
300
k
Ω
(3)
LDD_IUP settings are only for digital mode.
(4)
Specified by design
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPIC2050


同様の部品番号 - TPIC2050

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2010RDFDRG4 TI1-TPIC2010RDFDRG4 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2030DBTRG4 TI1-TPIC2030DBTRG4 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040 TI1-TPIC2040 Datasheet
1Mb / 57P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
More results

同様の説明 - TPIC2050

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2060A TI1-TPIC2060A Datasheet
1Mb / 65P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor Driver for ODD
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040 TI1-TPIC2040 Datasheet
1Mb / 57P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
logo
Toshiba Semiconductor
TB67S145FTG TOSHIBA-TB67S145FTG Datasheet
1Mb / 28P
   Serial controlled unipolar stepping motor driver
TB67S105FTG TOSHIBA-TB67S105FTG Datasheet
1Mb / 30P
   8bit Serial controlled bipolar stepping motor driver
TB67S103AFTG TOSHIBA-TB67S103AFTG Datasheet
1Mb / 39P
   Serial-in controlled Bipolar Stepping Motor Driver
TB67S128FTG TOSHIBA-TB67S128FTG Datasheet
1Mb / 47P
   CLOCK-in and Serial controlled Bipolar Stepping Motor Driver
TC78H670FTG TOSHIBA-TC78H670FTG Datasheet
1Mb / 42P
   Clock-in and Serial controlled Bipolar Stepping Motor Driver
2021-02-09
logo
Maxim Integrated Produc...
MAX22200 MAXIM-MAX22200 Datasheet
874Kb / 45P
   36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver
Rev 0; 4/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com