データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1670-IBE3 データシート(PDF) 11 Page - Semtech Corporation

部品番号 GS1670-IBE3
部品情報  HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1670-IBE3 データシート(HTML) 11 Page - Semtech Corporation

Back Button GS1670-IBE3 Datasheet HTML 7Page - Semtech Corporation GS1670-IBE3 Datasheet HTML 8Page - Semtech Corporation GS1670-IBE3 Datasheet HTML 9Page - Semtech Corporation GS1670-IBE3 Datasheet HTML 10Page - Semtech Corporation GS1670-IBE3 Datasheet HTML 11Page - Semtech Corporation GS1670-IBE3 Datasheet HTML 12Page - Semtech Corporation GS1670-IBE3 Datasheet HTML 13Page - Semtech Corporation GS1670-IBE3 Datasheet HTML 14Page - Semtech Corporation GS1670-IBE3 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 126 page
background image
GS1670 HD/SD SDI Receiver
Data Sheet
53831 - 2
September 2012
11 of 126
D4, E4, F4
PLL_GND
Input Power
GND pins for the Reclocker PLL. Connect to analog GND.
D5, E5, F5,
G5
CORE_GND
Input Power
GND connection for device core. Connect to digital GND.
D6, E6, F6,
G6
CORE_VDD
Input Power
POWER connection for device core. Connect to 1.2V DC digital.
D7
SW_EN
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Used to enable switch-line locking, as described in Section 4.9.1.
D8
JTAG/HOST
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Used to select JTAG test mode or host interface mode.
When JTAG/HOST is HIGH, the host interface port is configured for
JTAG test.
When JTAG/HOST is LOW, normal operation of the host interface
port resumes.
E1
SDI_VDD
Input Power
POWER pin for SDI buffer. Connect to 3.3V DC analog.
E2
SDI_GND
Input Power
GND pin for SDI buffer. Connect to analog GND.
E7
SDOUT_TDO
Output
COMMUNICATION SIGNAL OUTPUT
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
GSPI serial data output/test data out.
In JTAG mode (JTAG/HOST = HIGH), this pin is used to shift test
results from the device.
In host interface mode, this pin is used to read status and
configuration data from the device.
Note:
GSPI is slightly different than the SPI. For more details on GSPI,
please refer to 4.19 GSPI - HOST Interface.
E8
SDIN_TDI
Input
COMMUNICATION SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
GSPI serial data in/test data in.
In JTAG mode (JTAG/HOST = HIGH), this pin is used to shift test data
into the device.
In host interface mode, this pin is used to write address and
configuration data words into the device.
F1
TERM
Analog Input
Decoupling for internal SDI termination resistors.
Table 1-1:Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


同様の部品番号 - GS1670-IBE3

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1670A GENNUM-GS1670A Datasheet
9Mb / 130P
   Ancillary data extraction
logo
Semtech Corporation
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
More results

同様の説明 - GS1670-IBE3

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com