データシートサーチシステム |
|
LS-550-AHS データシート(PDF) 1 Page - Axiomtek Co., Ltd. |
|
LS-550-AHS データシート(HTML) 1 Page - Axiomtek Co., Ltd. |
|
1 / 1 page 55" Narrow Band Industrial LCD Monitor Features ■ Flexible, low cost and high performance ■ For kiosk, gaming, amusement, digital signage application ■ 55" 16:9 FHD TFT LCD display ■ Previum MVA with wide-view angle ■ For both landscape and portrait installation Specifications Size 54.6" (16:9) Signal input D-sub VGA & DVI-I Backlight / life LED OSD adjustment Power, Enter, Left, Right, Auto Panel type Premium MVA AC input 100~240Vac, 3A Pixel pitch 0.21 x 0.21 mm Inrush current 35A (cold start) Active area 1209.6x680.4 mm Consumption 160W Brightness* 450 cd/m2 (typ) Management VESA DPMS Contrast 4000 : 1 Mounting 400x300mm M6 screw Viewing angle 178 / 178 degree Dimension 1239.2mm(L)x710mm(H)x76.5mm(T) Resolution 1920 x 1080 Weight Display color 16.7M (8 bit) Packing 1 pcs / carton Response time 6.5 mS (gray-gray) Carton size Hor. frequency 30 ~ 86 KHz Container loading Ver. frequency 60 / 70 Hz Operation 0 ~ 50 degree C Pixel rate 165 MHz Storage -30 ~ 70 degree C * Higher brightness is on demand. Ordering information ■ Model selection X: Panel selection Y: Input selection Z: Touch selection 0: Standard, chosen 0: Standard, VGA/DVI 0: Standard, none A: Specified LCD V: VGA only G: Glass B: Specified LCD H: VGA/DVI/HDMI I : IR …etc. Specified LCD P: DVI/HDMI/DP S: SAW S: VGA/DVI/S-video P: Projective capacitive ■ Optional accessories * Power cord 1.8M power cord, US / EU * Signal cable 1.8M VGA cable, 1.8M DVI cable Product drawing * All specification and photos are subject to change without notice. Temperature LS-550-XYZ LS-550 LCD panel Power Package Video |
同様の部品番号 - LS-550-AHS |
|
同様の説明 - LS-550-AHS |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |