データシートサーチシステム |
|
74F38 データシート(PDF) 1 Page - National Semiconductor (TI) |
|
|
74F38 データシート(HTML) 1 Page - National Semiconductor (TI) |
1 / 8 page TLF9465 December 1994 54F74F38 Quad Two-Input NAND Buffer (Open Collector) General Description This device contains four independent gates each of which performs the logic NAND function The open-collector out- puts require external pull-up resistors for proper logical op- eration Commercial Military Package Package Description Number 74F38PC N14E 14-Lead (0300 Wide) Molded Dual-In-Line 54F38DM (Note 2) J14A 14-Lead Ceramic Dual-In-Line 74F38SC (Note 1) M14A 14-Lead (0150 Wide) Molded Small Outline JEDEC 74F38SJ (Note 1) M14D 14-Lead (0300 Wide) Molded Small Outline EIAJ 54F38FM (Note 2) W14B 14-Lead Cerpack 54F38LM (Note 2) E20A 20-Lead Ceramic Leadless Chip Carrier Type C Note 1 Devices also available in 13 reel Use suffix e SCX and SJX Note 2 Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB Logic Symbol Connection Diagrams IEEEIEC TLF9465 – 3 Pin Assignment for DIP SOIC and Flatpak TLF9465 – 1 Pin Assignment for LCC TLF9465 – 2 TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M75Printed in U S A |
同様の部品番号 - 74F38 |
|
同様の説明 - 74F38 |