データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPP20N60S5 データシート(PDF) 3 Page - Infineon Technologies AG

部品番号 SPP20N60S5
部品情報  Cool MOS??Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP20N60S5 データシート(HTML) 3 Page - Infineon Technologies AG

  SPP20N60S5 Datasheet HTML 1Page - Infineon Technologies AG SPP20N60S5 Datasheet HTML 2Page - Infineon Technologies AG SPP20N60S5 Datasheet HTML 3Page - Infineon Technologies AG SPP20N60S5 Datasheet HTML 4Page - Infineon Technologies AG SPP20N60S5 Datasheet HTML 5Page - Infineon Technologies AG SPP20N60S5 Datasheet HTML 6Page - Infineon Technologies AG SPP20N60S5 Datasheet HTML 7Page - Infineon Technologies AG SPP20N60S5 Datasheet HTML 8Page - Infineon Technologies AG SPP20N60S5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2004-03-30
Rev. 2.1
Page 3
SPP20N60S5
SPB20N60S5
Electrical Characteristics , at T
j = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Characteristics
Transconductance
gfs
VDS2*ID*RDS(on)max,
ID=13A
-
12
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f
=1MHz
-
3000
-
pF
Output capacitance
Coss
-
1170
-
Reverse transfer capacitance
Crss
-
28
-
Effective output capacitance,3)
energy related
Co(er)
VGS=0V,
VDS=0V to 480V
-
83
-
pF
Effective output capacitance,4)
time related
Co(tr)
-
160
-
Turn-on delay time
td(on)
VDD=350V, VGS=0/10V,
ID=20A, RG=5.7
-
120
-
ns
Rise time
tr
-
25
-
Turn-off delay time
td(off)
-
140
210
Fall time
tf
-
30
45
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=350V, ID=20A
-
21
-
nC
Gate to drain charge
Qgd
-
47
-
Gate charge total
Qg
VDD=350V, ID=20A,
VGS=0 to 10V
-
79
103
Gate plateau voltage
V(plateau) VDD=350V, ID=20A
-
8
-
V
1Repetitve avalanche causes additional power losses that can be calculated asPAV=EAR*f.
2Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.
3Co(er) is a fixed capacitance that gives the same stored energy asCoss while VDS is rising from 0 to 80% VDSS.
4Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.


同様の部品番号 - SPP20N60S5

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
SPP20N60S5 INFINEON-SPP20N60S5 Datasheet
121Kb / 9P
   Cool MOS??Power Transistor
2001-07-25
SPP20N60S5 INFINEON-SPP20N60S5 Datasheet
376Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.8 2009-12-01
logo
Inchange Semiconductor ...
SPP20N60S5 ISC-SPP20N60S5 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPP20N60S5 INFINEON-SPP20N60S5_01 Datasheet
121Kb / 9P
   Cool MOS??Power Transistor
2001-07-25
SPP20N60S5 INFINEON-SPP20N60S5_09 Datasheet
376Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.8 2009-12-01
More results

同様の説明 - SPP20N60S5

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com