データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS33003-M025QFNR データシート(PDF) 5 Page - Semtech Corporation

部品番号 TS33003-M025QFNR
部品情報  High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS33003-M025QFNR データシート(HTML) 5 Page - Semtech Corporation

  TS33003-M025QFNR Datasheet HTML 1Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 2Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 3Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 4Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 5Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 6Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 7Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 8Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TS33001/2/3
Final Datasheet
Rev 1.6
January 15, 2016
www.semtech.com
5 of 16
Semtech
Proprietary & Confidential
Characteristics
Electrical characteristics, T
J = -40C to 125C, VCC = 5V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC Supply Voltage
VCC
Input Supply Voltage
2.375
5.5
V
I
CC-NORM
Quiescent current
Normal Mode
VCC = 5V, I
LOAD = 0A, EN=5V, nLP=5V
18
mA
I
CC-LPM
Quiescent current Low Power
PFM Mode
VCC = 5V, I
LOAD = 0A, EN=5V, nLP=0V
150
µA
I
CC-SHUTDOWN
Quiescent current
Shutdown Mod
VCC = 5V, EN=0V
0.2
µA
VCC Under Voltage Lockout
VCC
-UV
Input Supply Under Voltage
Threshold
VCC Increasing
2.2
V
VCC
-UV_HYST
Input Supply Under Voltage
Threshold Hysteresis
200
mV
OSC
F
OSC
Oscillator Frequency
4.5
5
5.5
MHz
PG Open Drain Output
T
PG
PG Release Timer
10
ms
I
OH-PG
High-Level Output Leakage
V
PG=5V
VCC=5V
0.1
µA
V
OL-PG
Low-Level Output Voltage
I
PG = -0.3mA
0.01
V
EN/nLP Input Voltage Thresholds
V
IH-EN/nLP
High Level Input Voltage
VCC=2V to 5V
2.2
V
V
IL-EN/nLP
Low Level Input Voltage
VCC=2V to 5V
0.4
V
V
HYST-EN/nLP
Input Hysteresis
VCC=2V to 5V
400
mV
I
IN-EN
EN Input Leakage
V
EN=5V VCC=5V
0.2
µA
V
EN=0V VCC=5V
0.2
µA
nLP
PD
nLP Pulldown Resistor
Pulldown to GND
65
Thermal Shutdown
TSD
Thermal Shutdown Junction
Temperature
150
170
190
C
TSD
HYST
TSD Hysteresis
10
C


同様の部品番号 - TS33003-M025QFNR

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS3300 TOUCHSTONE-TS3300 Datasheet
1Mb / 14P
   0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results

同様の説明 - TS33003-M025QFNR

メーカー部品番号データシート部品情報
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
List of Unclassifed Man...
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Taiwan Semiconductor Co...
TS3553 TSC-TS3553 Datasheet
441Kb / 11P
   3A/350kHz Synchronous Buck DC/DC Converter
logo
Anpec Electronics Corop...
APW8835 ANPEC-APW8835 Datasheet
227Kb / 14P
   24V, 3A DC-DC Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com