データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS33003-M000QFNR データシート(PDF) 7 Page - Semtech Corporation

部品番号 TS33003-M000QFNR
部品情報  High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS33003-M000QFNR データシート(HTML) 7 Page - Semtech Corporation

Back Button TS33003-M000QFNR Datasheet HTML 3Page - Semtech Corporation TS33003-M000QFNR Datasheet HTML 4Page - Semtech Corporation TS33003-M000QFNR Datasheet HTML 5Page - Semtech Corporation TS33003-M000QFNR Datasheet HTML 6Page - Semtech Corporation TS33003-M000QFNR Datasheet HTML 7Page - Semtech Corporation TS33003-M000QFNR Datasheet HTML 8Page - Semtech Corporation TS33003-M000QFNR Datasheet HTML 9Page - Semtech Corporation TS33003-M000QFNR Datasheet HTML 10Page - Semtech Corporation TS33003-M000QFNR Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TS33001/2/3
Final Datasheet
Rev 1.6
January 15, 2016
www.semtech.com
7 of 16
Semtech
Proprietary & Confidential
Functional Description
This voltage-mode Point of Load (POL) synchronous step-
down power supply product can be used in the consumer,
industrial, and automotive market segments. It includes
flexibility to be used for a wide range of output voltages and
is optimized for high efficiency power conversion with low
RDSON integrated synchronous switches. A 5MHz internal
switching frequency facilitates low cost LC filter combinations
and improved transient response. Additionally, the fixed
output version, with integrated Power on Reset and Fault
circuitry enables a minimal external component count to
provide a complete power supply solution for a variety of
applications.
Detailed Pin Description
Unregulated input, VCC
This terminal is the unregulated input voltage source for the IC.
It is recommended that a 22uF bypass capacitor be placed
close as possible to the VCC pins for best performance. Since
this is the main supply for the IC, good layout practices need to
be followed for this connection.
Feedback, FB
This is the voltage feedback input terminal for the adjustable
version. For the fixed mode versions, this pin should be left
floating and not connected.
The connection on the PCB should be kept as short as
Switching output, VSW
This is the switching node of the regulator. It should be
connected directly to the 1uH inductor with a wide, short
trace. It is switching between VCC and PGND at the switching
frequency.
Ground, GND
This ground is used for the majority of the device including the
analog reference, control loop, and other circuits.
Power Ground, PGND
This is a separate ground connection used for the low side
synchronous FET to isolate switching noise from the rest of the
device.
Enable, EN
This is an input terminal to activate the entire device. This will
enable the internal reference, oscillator, TSD, etc, and allow
the fault detection circuitry to work correctly. Notice that the
EN needs to low for the part to exhibit less than 200nA
quiescent
current.
The
input
threshold
is
TTL/CMOS
compatible.
Power Good Output, PG
This is an open drain, active high output. The switched mode
output voltage is monitored and the PG line will remain
possible from the feedback resistors, kept away from the VSW
low until the output voltage reaches the V
OUT-UV
threshold,
connections or other switching/high frequency nodes, and
should not be shared with any other connection. This should
minimize stray coupling, reduce noise injection, and minimize
voltage shift cause by output load.
To choose the resistors for the adjustable version, use the
following equation:
V
OUT
= 0.6 (1 + R
TOP
/R
BOT
)
For stability, RTOP should be 270K Ohms to 330K Ohms.
Output Voltage Sense, V
OUT
Sense
This is the input terminal for the voltage output feedback and
is needed for both adjustable and fixed voltage versions. This
should be connected to the main output capacitor, and the
same good layout practices should be followed as for the FB
connection. Keep this line as short as possible, keep it away
from the VSW and other switching or high frequency traces,
and do not share this connection with any other connection
on the PCB.
approximately 85% of the final regulation output. Once the
internal comparator detects the output voltage is above the
desired threshold, an internal 10mSec delay timer is activated
and the PG line is de-asserted to high when this delay timer
expires. In the event the output voltage decreases below V
OUT-
UV
, the PG line will be asserted low immediately and remain low
until the output rises above V
OUT-UV
and the delay timer times
out again. If EN is pulled low, the VCC input undervoltage
trips, or Thermal Shutdown is reached, the PG pin will
immediately be pulled low.
nLow Power Mode Output, nLP
This is an input to force the PWM mode when light load is
on the output. The PFM low power mode has higher
output voltage ripple, which is some applications may be
unacceptable. If low ripple is needed on the output this
pin can be tied to VCC input, or switched above 2.2V during
operation to force the device into normal PWM mode.


同様の部品番号 - TS33003-M000QFNR

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS3300 TOUCHSTONE-TS3300 Datasheet
1Mb / 14P
   0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results

同様の説明 - TS33003-M000QFNR

メーカー部品番号データシート部品情報
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
List of Unclassifed Man...
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Taiwan Semiconductor Co...
TS3553 TSC-TS3553 Datasheet
441Kb / 11P
   3A/350kHz Synchronous Buck DC/DC Converter
logo
Anpec Electronics Corop...
APW8835 ANPEC-APW8835 Datasheet
227Kb / 14P
   24V, 3A DC-DC Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com