データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMC5.7-332J50J31-TR12 データシート(PDF) 1 Page - Kemet Corporation

部品番号 SMC5.7-332J50J31-TR12
部品情報  Capacitor, film, 3300 pF, /-5% Tol, General Purpose, 50 VDC@125C
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

SMC5.7-332J50J31-TR12 データシート(HTML) 1 Page - Kemet Corporation

  SMC5.7-332J50J31-TR12 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/05/2015 - 18882db2-0384-4df1-b8df-49d386eea72f
KEMET Part Number: SMC5.7 332J50J31 TR12
(F125PL332J050V)
Capacitor, film, 3300 pF, +/-5% Tol, General Purpose, 50 VDC@125C
Dimensions (mm)
Symbol
Dimension
Tolerance
L
5.7
+/-0.2
W
5
+/-0.2
T
2.5
+/-0.2
F
0.5
NOM
Packaging Specifications
Package Kind: T&R
Package Size: Standard
Package Quantity: 3100
General Information
Supplier: KEMET
Dielectric: Metallized PPS
Application: General Purpose
Sub Application: HighStability
Style: Surface Mount
Chip Size: 2220 (5750 metric)
RoHS: Yes
Specifications
Capacitance: 3300 pF
Voltage: 50 VDC
Tolerance: +/-5%
Voltage AC: 30 VAC
Rated Temperature: 125C
Temperature Range: -55/+125C
Dissipation Factor @ 1 kHz: 0.15%
Dissipation Factor @ 10 kHz: 0.25%
Dissipation Factor @ 100kHz: 0.5%
Insulation Resistance: 15 GOhm
Maximum dVdT: 20 v/us
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


同様の部品番号 - SMC5.7-332J50J31-TR12

メーカー部品番号データシート部品情報
logo
Kemet Corporation
SMC5.7-333J50J31-TR12 KEMET-SMC5.7-333J50J31-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 0.033 uF, /-5% Tol, General Purpose, 50 VDC@125C
More results

同様の説明 - SMC5.7-332J50J31-TR12

メーカー部品番号データシート部品情報
logo
Kemet Corporation
SMC5.7-222J50J31-TR12 KEMET-SMC5.7-222J50J31-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 2200 pF, /-5% Tol, General Purpose, 50 VDC@125C
SMC5.7-152J50J31-TR12 KEMET-SMC5.7-152J50J31-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 1500 pF, /-5% Tol, General Purpose, 50 VDC@125C
SMC5.7-472J50J31-TR12 KEMET-SMC5.7-472J50J31-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 4700 pF, /-5% Tol, General Purpose, 50 VDC@125C
SMC5.7-682J50J31-TR12 KEMET-SMC5.7-682J50J31-TR12 Datasheet
77Kb / 1P
   Capacitor, film, 6800 pF, /-5% Tol, General Purpose, 50 VDC@125C
SMC5.7-102J50J31-TR12 KEMET-SMC5.7-102J50J31-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 1000 pF, /-5% Tol, General Purpose, 50 VDC@125C
SMC5.7-222J100J31-TR12 KEMET-SMC5.7-222J100J31-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 2200 pF, /-5% Tol, General Purpose, 100 VDC@125C
SMC5.7-472J100J31-TR12 KEMET-SMC5.7-472J100J31-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 4700 pF, /-5% Tol, General Purpose, 100 VDC@125C
SMC5.7-102J100J31-TR12 KEMET-SMC5.7-102J100J31-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 1000 pF, /-5% Tol, General Purpose, 100 VDC@125C
SMC10.2-684J50A31-TR16 KEMET-SMC10.2-684J50A31-TR16 Datasheet
77Kb / 1P
   Capacitor, film, 0.68 uF, /-5% Tol, General Purpose, 50 VDC@125C
SMC5.7-683J50J35-TR12 KEMET-SMC5.7-683J50J35-TR12 Datasheet
77Kb / 1P
   Capacitor, film, 0.068 uF, /-5% Tol, General Purpose, 50 VDC@125C
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com