データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N5060 データシート(PDF) 2 Page - Kersemi Electronic Co., Ltd.

部品番号 2N5060
部品情報  Sensitive Gate Silicon Controlled Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

2N5060 データシート(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  2N5060 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. 2N5060 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. 2N5060 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. 2N5060 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. 2N5060 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. 2N5060 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. 2N5060 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2N5060 Series
www.kersemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = *40 to 110°C, Sine Wave,
50 to 60 Hz, Gate Open)
2N5060
2N5061
2N5062
2N5064
VDRM,
VRRM
30
60
100
200
V
On-State Current RMS (180
° Conduction Angles; TC = 80°C)
IT(RMS)
0.8
A
*Average On-State Current
(180
° Conduction Angles)
(TC = 67°C)
(TC = 102°C)
IT(AV)
0.51
0.255
A
*Peak Non-repetitive Surge Current,
TA = 25°C
(1/2 cycle, Sine Wave, 60 Hz)
ITSM
10
A
Circuit Fusing Considerations (t = 8.3 ms)
I2t
0.4
A2s
*Average On-State Current
(180
° Conduction Angles)
(TC = 67°C)
(TC = 102°C)
IT(AV)
0.51
0.255
A
*Forward Peak Gate Power (Pulse Width
v 1.0 msec; TA = 25°C)
PGM
0.1
W
*Forward Average Gate Power (TA = 25°C, t = 8.3 ms)
PG(AV)
0.01
W
*Forward Peak Gate Current (Pulse Width
v 1.0 msec; TA = 25°C)
IGM
1.0
A
*Reverse Peak Gate Voltage (Pulse Width
v 1.0 msec; TA = 25°C)
VRGM
5.0
V
*Operating Junction Temperature Range
TJ
−40 to +110
°C
*Storage Temperature Range
Tstg
−40 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate
voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current
source such that the voltage ratings of the devices are exceeded.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
*Thermal Resistance, Junction−to−Case (Note 2)
RqJC
75
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
200
°C/W
*Lead Solder Temperature (Lead Length
q 1/16″ from case, 10 s Max)
+230*
°C
2. This measurement is made with the case mounted “flat side down” on a heat sink and held in position by means of a metal clamp over the
curved surface.
*Indicates JEDEC Registered Data.
可控硅在线 http://www.kkg.com.cn


同様の部品番号 - 2N5060

メーカー部品番号データシート部品情報
logo
Boca Semiconductor Corp...
2N5060 BOCA-2N5060 Datasheet
31Kb / 1P
   SCRs (Silicon Controlled Rectifiers)
logo
Central Semiconductor C...
2N5060 CENTRAL-2N5060 Datasheet
22Kb / 1P
   0.8 to 110 Amperes RMS 15 to 1200 Volts
logo
ON Semiconductor
2N5060 ONSEMI-2N5060 Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
logo
Central Semiconductor C...
2N5060 CENTRAL-2N5060 Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER 0.8 AMP, 30 THRU 200 VOLTS
logo
New Jersey Semi-Conduct...
2N5060 NJSEMI-2N5060 Datasheet
248Kb / 2P
   SILICON CONTROLLED RECTIFIER
More results

同様の説明 - 2N5060

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com