データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA5255E1 データシート(PDF) 5 Page - Infineon Technologies AG

部品番号 TDA5255E1
部品情報  ASK/FSK 434MHz Wireless Transceiver
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5255E1 データシート(HTML) 5 Page - Infineon Technologies AG

  TDA5255E1 Datasheet HTML 1Page - Infineon Technologies AG TDA5255E1 Datasheet HTML 2Page - Infineon Technologies AG TDA5255E1 Datasheet HTML 3Page - Infineon Technologies AG TDA5255E1 Datasheet HTML 4Page - Infineon Technologies AG TDA5255E1 Datasheet HTML 5Page - Infineon Technologies AG TDA5255E1 Datasheet HTML 6Page - Infineon Technologies AG TDA5255E1 Datasheet HTML 7Page - Infineon Technologies AG TDA5255E1 Datasheet HTML 8Page - Infineon Technologies AG TDA5255E1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
Preliminary Specification
5
2002-11-28
Type
Ordering Code
Package
TDA5255 E1
P-TSSOP-38-1
ASK/FSK 434MHz Wireless Transceiver
TDA5255 E1
Version 1.1
Product Info
Confidential
General Description
The IC is a low power consumption single chip FSK/ASK
Transceiver for half duplex low datarate communication in the
433-435MHz band. The IC offers a very high level of integration
and needs only a few external components. It contains a highly
efficient power amplifier, a low noise amplifier (LNA) with AGC,
a double balanced mixer, a complex direct conversion stage, I/
Q limiters with RSSI generation, an FSK demodulator, a fully
integrated VCO and PLL synthesizer, a tuneable crystal
oscillator, an onboard data filter, a data comparator (slicer),
positive and negative peak detectors, a data rate detection
circuit and a 2/3-wire bus interface. Additionally there is a power
down feature to save battery power.
Features
– Low supply current (Is = 9mA typ. receive, Is
= 13mA typ. transmit mode)
– Supply voltage range 2.1 - 5.5V
– Power down mode with very low supply
current consumption
– FSK and ASK modulation and demodulation
capability
– Fully integrated VCO and PLL
synthesizer and loop filter on-chip with on
chip crystal oscillator tuning
–I2C/3-wire µController Interface
– On-chip low pass channel select filter and
data filter with tuneable bandwidth
– Data slicer with self-adjusting threshold and
2 peak detectors
– FSK sensitivity <-109dBm, ASK sensitivity <
–109dBm
– Transmit power up to +13dBm
– Datarates
up
to
100kBit/s
Manchester
Encoded
– Self-polling logic with ultra fast data rate
detection
Application
– Low Bitrate Communication
Systems
– Keyless Entry Systems
– Remote Control Systems
–Alarm Systems
– Telemetry Systems
– Electronic Metering
– Home Automation Systems


同様の部品番号 - TDA5255E1

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA5255E1 INFINEON-TDA5255E1 Datasheet
2Mb / 91P
   ASK/FSK 434MHz Wireless Transceiver
Version 1.2, 2007-02-26
TDA5255E1 INFINEON-TDA5255E1_07 Datasheet
2Mb / 91P
   ASK/FSK 434MHz Wireless Transceiver
Version 1.2, 2007-02-26
More results

同様の説明 - TDA5255E1

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA5255E1 INFINEON-TDA5255E1_07 Datasheet
2Mb / 91P
   ASK/FSK 434MHz Wireless Transceiver
Version 1.2, 2007-02-26
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
TDA5252G2 INFINEON-TDA5252G2 Datasheet
2Mb / 86P
   ASK/FSK 915MHz Wireless Transceiver
Version 1.1, 2007-02-26
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 97P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.6 July 2002
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
TDA5251F1 INFINEON-TDA5251F1_07 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.1, 2007-02-26
logo
Sanyo Semicon Device
LV2257PTT SANYO-LV2257PTT Datasheet
61Kb / 5P
   Bi-CMOS IC 434MHz Band FSK/ASK Wireless Transmitter IC
logo
Infineon Technologies A...
TDA7255V INFINEON-TDA7255V Datasheet
2Mb / 109P
   ASK/FSK 434 MHz Wireless Transceiver
Revision 1.1, 2010-11-10
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com