データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA21106 データシート(PDF) 4 Page - Infineon Technologies AG

部品番号 TDA21106
部品情報  High speed Driver with bootstrapping for dual Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21106 データシート(HTML) 4 Page - Infineon Technologies AG

  TDA21106 Datasheet HTML 1Page - Infineon Technologies AG TDA21106 Datasheet HTML 2Page - Infineon Technologies AG TDA21106 Datasheet HTML 3Page - Infineon Technologies AG TDA21106 Datasheet HTML 4Page - Infineon Technologies AG TDA21106 Datasheet HTML 5Page - Infineon Technologies AG TDA21106 Datasheet HTML 6Page - Infineon Technologies AG TDA21106 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CoreControl TM
Data Sheet
TDA21106
Rev 2.0
Page 4
Apr, 2004
At Tj = 25 °C, unless otherwise specified
Dynamic Characteristic
Turn-on propagation
Delay High Side
td(ON)_HS
20
35
Turn-off propagation
delay High Side
td(OFF)_HS
15
25
Rise time High Side
tr_HS
20
33
Fall time High Side
tf_HS
15
25
Turn-on propagation
Delay Low Side
td(ON)_LS
15
27
Turn-off propagation
delay Low Side
td(OFF)_LS
10
20
Rise time Low Side
tr_LS
20
33
Fall time Low Side
tf_LS
PPVCC = VVCC= 12 V
CISS = 3000 pF
15
25
ns
At Tj = 125 °C, unless otherwise specified
Dynamic Characteristic
Turn-on propagation
Delay High Side
td(ON)_HS
25
Turn-off propagation
delay High Side
td(OFF)_HS
18
Rise time High Side
tr_HS
24
Fall time High Side
tf_HS
22
Turn-on propagation
Delay Low Side
td(ON)_LS
18
Turn-off propagation
delay Low Side
td(OFF)_LS
15
Rise time Low Side
tr_LS
21
Fall time Low Side
tf_LS
PPVCC = VVCC= 12 V
CISS = 3000 pF
19
ns


同様の部品番号 - TDA21106

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
   High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21102 INFINEON-TDA21102 Datasheet
250Kb / 8P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21102 INFINEON-TDA21102_04 Datasheet
250Kb / 8P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21107 INFINEON-TDA21107 Datasheet
304Kb / 12P
   High speed Driver with bootstrapping for dual Power MOSFETs
Version 1.2, Aug 2004
More results

同様の説明 - TDA21106

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
   High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
TDA21102 INFINEON-TDA21102_04 Datasheet
250Kb / 8P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21107 INFINEON-TDA21107 Datasheet
304Kb / 12P
   High speed Driver with bootstrapping for dual Power MOSFETs
Version 1.2, Aug 2004
logo
Analog Devices
ADP3410 AD-ADP3410 Datasheet
148Kb / 11P
   Dual MOSFET Driver with Bootstrapping
REV. 0
ADP3412 AD-ADP3412 Datasheet
135Kb / 8P
   Dual MOSFET Driver with Bootstrapping
REV. 0
logo
ON Semiconductor
ADP3415 ONSEMI-ADP3415 Datasheet
399Kb / 10P
   Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
logo
Analog Devices
ADP3415 AD-ADP3415 Datasheet
166Kb / 12P
   Dual MOSFET Driver with Bootstrapping
REV. B
logo
Microchip Technology
MCP14E9 MICROCHIP-MCP14E9 Datasheet
817Kb / 30P
   3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E6 MICROCHIP-MCP14E6 Datasheet
877Kb / 30P
   2.0A Dual High-Speed Power MOSFET Driver With Enable
2011
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com