データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSBB15CH60D データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FSBB15CH60D
部品情報  Motion SPMR 3 Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB15CH60D データシート(HTML) 1 Page - Fairchild Semiconductor

  FSBB15CH60D Datasheet HTML 1Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 2Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 3Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 4Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 5Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 6Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 7Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 8Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
©2015 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSBB15CH60D Rev. 1.0
August 2015
FSBB15CH60D
Motion SPM® 3 Series
Features
• UL Certified No. E209204 (UL1557)
• 600 V - 15 A 3-Phase IGBT Inverter with Integral Gate
Drivers and Protection
• Low-Loss, Short-Circuit Rated IGBTs
• Very Low Thermal Resistance Using Al2O3 DBC
Substrate
• Built-In Bootstrap Diodes and Dedicated Vs Pins
Simplify PCB Layout
• Separate Open-Emitter Pins from Low-Side IGBTs for
Three-Phase Current Sensing
• Single-Grounded Power Supply
• LVIC Temperature-Sensing Built-In for Temperature
Monitoring
• Isolation Rating: 2500 Vrms / 1 min.
Applications
• Motion Control - Home Appliance / Industrial Motor
Related Resources
• AN-9044 - Motion SPM® 3 Series Users Guide
General Description
FSBB15CH60D is an advanced Motion SPM® 3 module
providing a fully-featured, high-performance inverter
output stage for AC Induction, BLDC, and PMSM
motors. These modules integrate optimized gate drive of
the built-in IGBTs to minimize EMI and losses, while also
providing multiple on-module protection features includ-
ing
under-voltage
lockouts,
over-current shutdown,
thermal monitoring of drive IC, and fault reporting. The
built-in, high-speed HVIC requires only a single supply
voltage and translates the incoming logic-level gate
inputs to the high-voltage, high-current drive signals
required to properly drive the module's internal IGBTs.
Separate negative IGBT terminals are available for each
phase to support the widest variety of control algorithms.
Package Marking and Ordering Information
Figure 1. Package Overview
Device
Device Marking
Package
Packing Type
Quantity
FSBB15CH60D
FSBB15CH60D
SPMCC-027
Rail
10


同様の部品番号 - FSBB15CH60D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FSBB15CH60D ONSEMI-FSBB15CH60D Datasheet
757Kb / 17P
   Motion SPM 3 Series
August 2015 Rev. 1.0
More results

同様の説明 - FSBB15CH60D

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
FNB33060T FAIRCHILD-FNB33060T Datasheet
1Mb / 15P
   Motion SPMR 3 Series
FSBB20CH60D FAIRCHILD-FSBB20CH60D Datasheet
718Kb / 15P
   Motion SPMR 3 Series
FSBB30CH60CT FAIRCHILD-FSBB30CH60CT Datasheet
664Kb / 15P
   Motion SPMR 3 Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FNB50560T1 FAIRCHILD-FNB50560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com