データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1279 データシート(PDF) 8 Page - Texas Instruments

部品番号 LM1279
部品情報  110 MHz RGB Video Amplifier System with OSD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1279 データシート(HTML) 8 Page - Texas Instruments

Back Button LM1279 Datasheet HTML 4Page - Texas Instruments LM1279 Datasheet HTML 5Page - Texas Instruments LM1279 Datasheet HTML 6Page - Texas Instruments LM1279 Datasheet HTML 7Page - Texas Instruments LM1279 Datasheet HTML 8Page - Texas Instruments LM1279 Datasheet HTML 9Page - Texas Instruments LM1279 Datasheet HTML 10Page - Texas Instruments LM1279 Datasheet HTML 11Page - Texas Instruments LM1279 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
OBSOLETE
LM1279
SNOS020B – SEPTEMBER 1998 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTIONS
Pin
Pin
Schematic
Description
No.
Name
1
Red OSD Input
These are standard TTL inputs. An OSD signal
at any of the three pins will automatically
19
Blue OSD Input
switch the pre-amp into the OSD mode. 7
20
Green OSD Input
colors, including white, are available.
2
VCC1
Power supply pin (excluding output stage)
3
Red Video In
Video inputs. These inputs must be AC
Coupled with a minimum of a 1 µF cap, 10 µF
5
Green Video In
is preferred. A series resistor of about 33
8
Blue Video In
must be used for ESD protection.
4
Red Clamp Cap
The external clamp cap is charged and
discharged to the correction voltage needed for
7
Green Clamp Cap
DC restoration. 0.1 µF is the recommended
9
Blue Clamp Cap
value.
6
Ground
Ground pin.
10
Contrast
Contrast control pin:
4V - no attenuation
12
Blue Drive
0V - over 40 dB attenuation
14
Green Drive
Drive control pins:
4V - no attenuation
17
Red Drive
0V - 20 dB attenuation
8
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM1279


同様の部品番号 - LM1279

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
[Old version datasheet]   LM1279A 110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279N NSC-LM1279N Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
More results

同様の説明 - LM1279

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
[Old version datasheet]   LM1279A 110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
LM1282 NSC-LM1282 Datasheet
488Kb / 14P
   110 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
Mitsumi Electronics, Co...
MM1381 MITSUMI-MM1381 Datasheet
268Kb / 10P
   RGB Video Amplifier with OSD Input
logo
National Semiconductor ...
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com