データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1279 データシート(PDF) 1 Page - Texas Instruments

部品番号 LM1279
部品情報  110 MHz RGB Video Amplifier System with OSD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1279 データシート(HTML) 1 Page - Texas Instruments

  LM1279 Datasheet HTML 1Page - Texas Instruments LM1279 Datasheet HTML 2Page - Texas Instruments LM1279 Datasheet HTML 3Page - Texas Instruments LM1279 Datasheet HTML 4Page - Texas Instruments LM1279 Datasheet HTML 5Page - Texas Instruments LM1279 Datasheet HTML 6Page - Texas Instruments LM1279 Datasheet HTML 7Page - Texas Instruments LM1279 Datasheet HTML 8Page - Texas Instruments LM1279 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
OBSOLETE
LM1279
www.ti.com
SNOS020B – SEPTEMBER 1998 – REVISED APRIL 2013
LM1279 110 MHz RGB Video Amplifier System with OSD
Check for Samples: LM1279
1
FEATURES
DESCRIPTION
The LM1279 is a full featured and low cost video
2
Three Wideband Video Amplifiers 110 MHz @
amplifier with OSD (On Screen Display). 8V operation
−3dB (4 VPP Output)
for low power and increased reliability. Supplied in a
OSD Signal to Any OSD Input Pin
20-pin DIP package, accommodating very compact
Automatically Switches All 3 Outputs to the
designs of the video channel requiring OSD. All video
OSD Mode
functions controlled by 0V to 4V high impedance DC
inputs. This provides easy interfacing to 5V DACs
Fast OSD Switching Time, Typically 5 ns
used in computer controlled systems and digital
3.5 kV ESD Protection
alignment systems. Unique OSD switching, no OSD
Fixed Cutoff Level Typically Set to 1.35V
switching signal required. An OSD signal at any OSD
input typically switches the LM1279 to the OSD mode
0V to 4V, High Impedance DC Contrast Control
within 5 ns. Ideal video amplifier for the low cost OSD
with Over 40 dB Range
monitor with resolutions up to 1280 x 1024. The
0V to 4V, High Impedance DC Drive Control (0
LM1279 provides superior protection against ESD.
dB to
−12 dB Range)
Excellent alternative for the MC13282 in new designs.
Matched (±0.3 dB or 3.5%) Attenuators for
Contrast Control
Output Stage Directly Drives CRT Drivers
Ideal Combination with LM2407 CRT Driver
APPLICATIONS
High Resolution RGB CRT Monitors
Video AGC Amplifiers
Wideband Amplifiers with Contrast and Drive
Controls
Interface Amplifiers for LCD or CCD Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM1279

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
[Old version datasheet]   LM1279A 110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279N NSC-LM1279N Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
More results

同様の説明 - LM1279

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
[Old version datasheet]   LM1279A 110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
LM1282 NSC-LM1282 Datasheet
488Kb / 14P
   110 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
Mitsumi Electronics, Co...
MM1381 MITSUMI-MM1381 Datasheet
268Kb / 10P
   RGB Video Amplifier with OSD Input
logo
National Semiconductor ...
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com