データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2402 データシート(PDF) 3 Page - Texas Instruments

部品番号 LM2402
部品情報  Monolithic Triple 3 nS CRT Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2402 データシート(HTML) 3 Page - Texas Instruments

  LM2402 Datasheet HTML 1Page - Texas Instruments LM2402 Datasheet HTML 2Page - Texas Instruments LM2402 Datasheet HTML 3Page - Texas Instruments LM2402 Datasheet HTML 4Page - Texas Instruments LM2402 Datasheet HTML 5Page - Texas Instruments LM2402 Datasheet HTML 6Page - Texas Instruments LM2402 Datasheet HTML 7Page - Texas Instruments LM2402 Datasheet HTML 8Page - Texas Instruments LM2402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
OBSOLETE
LM2402
www.ti.com
SNOS445B – AUGUST 1999 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
(See Figure 3 for Test Circuit)
Unless otherwise noted: VCC = +80V, VBB = +12V, VIN = +3.3 VDC, CL = 8 pF, TC = 60°C.
LM2402
Symbol
Parameter
Conditions
Units
Min
Typ
Max
ICC
Supply Current
Per Channel, No Output Load
22
27
32
mA
IBB
Bias Current
All Three Channels
40
50
60
mA
VOUT
DC Output Voltage
VIN = 1.9V
62
65
68
VDC
AV
DC Voltage Gain
−12
−14
−16
ΔAV
Gain Matching
See(1)
1.0
dB
LE
Linear Error
See(1) (2)
3.5
%
tr
Rise Time
10% to 90%, 40 VPP Output (1 MHz)
3.0
ns
tf
Fall Time
10% to 90%, 40 VPP Output (1 MHz)
2.8
ns
OS
Overshoot
40 VPP Output (1 MHz)
5
%
(1)
Calculated value from voltage gain test on each channel.
(2)
Linearity error is the variation in DC gain from VIN = 1.5V to VIN = 5V.
AC Test Circuit
Figure 3. Test Circuit (One Channel)
Figure 3 shows a typical test circuit for evaluation of the LM2402. This circuit is designed for testing the LM2402
with a FET probe. When calculating the total load capacitance, the Tektronix P6201 FET probe with a 100:1
divider is specified to have 1.5 pF. The total board capacitance should be 6.5 pF.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2402


同様の部品番号 - LM2402

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
logo
Sharp Corporation
LM24022 SHARP-LM24022 Datasheet
18Kb / 1P
   Medium Size Graphic Type LCD Module(FA/POS/Measuring instruments)
logo
National Semiconductor ...
LM2402T NSC-LM2402T Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
More results

同様の説明 - LM2402

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2462 NSC-LM2462 Datasheet
1Mb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
LM2445 NSC-LM2445 Datasheet
758Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com