データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2429 データシート(PDF) 2 Page - Texas Instruments

部品番号 LM2429
部品情報  Monolithic Triple Channel 15 MHz DTV Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2429 データシート(HTML) 2 Page - Texas Instruments

  LM2429 Datasheet HTML 1Page - Texas Instruments LM2429 Datasheet HTML 2Page - Texas Instruments LM2429 Datasheet HTML 3Page - Texas Instruments LM2429 Datasheet HTML 4Page - Texas Instruments LM2429 Datasheet HTML 5Page - Texas Instruments LM2429 Datasheet HTML 6Page - Texas Instruments LM2429 Datasheet HTML 7Page - Texas Instruments LM2429 Datasheet HTML 8Page - Texas Instruments LM2429 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
OBSOLETE
LM2429
SNOSA76D – JULY 2003 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Supply Voltage (VCC)
+200V
Bias Voltage (VBB)
+15V
Input Voltage (VIN)
-0.5V to VBB +0.5V
Storage Temperature Range (TSTG)
−65°C to +150°C
Lead Temperature (Soldering, <10 sec.)
300°C
ESD Tolerance,
Human Body Model
2kV
Machine Model
200V
Junction Temperature
150°C
θJC (typ)
2.9°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(2)
All voltages are measured with respect to GND, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
OPERATING RATINGS
(1)
VCC
+130V to +180V
VBB
+7V to +13V
VIN
+0V to +4V
VOUT
+15V to +175V
Case Temperature
Refer to Figure 11
Do not operate the part without a heat sink.
(1)
Operating ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured
specifications and test conditions, see Electrical Characteristics. Datasheet min/max specification limits are specified by design, test, or
statistical analysis. The ensured specifications apply only for the test conditions listed. Some performance characteristics may change
when the device is not operated under the listed test conditions.
ELECTRICAL CHARACTERISTICS
(See Figure 3 for Test Circuit)
Unless otherwise noted: VCC = +180V, VBB = +8V, CL = 8pF, TC = 50°C.
DC Tests: VIN = 2.5VDC.
AC Tests: Output = 130VPP (35V - 165V) at 1MHz.
LM2429
Symbol
Parameter
Conditions
Units
Min
Typical
Max
ICC
Supply Current
All Three Channels, No Input Signal, No
16
30
mA
Output Load
IBB
Bias Current
All Three Channels
12
17
mA
VOUT, 1
DC Output Voltage
No AC Input Signal, VIN = 2.5VDC
100
105
110
VDC
VOUT, 2
DC Output Voltage
No AC Input Signal, VIN = 1.2VDC
163
168
173
VDC
AV
DC Voltage Gain
No AC Input Signal
-48
-51
-54
ΔAV
Gain Matching
See(1), No AC Input Signal
1.0
dB
LE
Linearity Error
See(1)(2), No AC Input Signal
8
%
tR
Rise Time
See(3), 10% to 90%
26
ns
tF
Fall Time
See(3), 90% to 10%
30
ns
OS
Overshoot
See(3)
5
%
(1)
Calculated value from Voltage Gain test on each channel.
(2)
Linearity Error is the variation in DC gain from VIN = 1.1V to VIN = 3.8V.
(3)
Input from signal generator: tr, tf < 1 ns.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM2429


同様の部品番号 - LM2429

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2429 NSC-LM2429 Datasheet
723Kb / 12P
   Monolithic Triple Channel 15 MHz DTV Driver
More results

同様の説明 - LM2429

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2429 NSC-LM2429 Datasheet
723Kb / 12P
   Monolithic Triple Channel 15 MHz DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2426TE NSC-LM2426TE Datasheet
808Kb / 12P
   Monolithic Triple Channel 30 MHz DTV Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2459 TI1-LM2459 Datasheet
2Mb / 14P
[Old version datasheet]   Monolithic Single Channel 15 MHz DTV CRT Driver
logo
National Semiconductor ...
LM2459 NSC-LM2459 Datasheet
578Kb / 11P
   Monolithic Single Channel 15 MHz DTV CRT Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com