データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2470 データシート(PDF) 5 Page - Texas Instruments

部品番号 LM2470
部品情報  Monolithic Triple 7.0 ns High Swing CRT Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2470 データシート(HTML) 5 Page - Texas Instruments

  LM2470 Datasheet HTML 1Page - Texas Instruments LM2470 Datasheet HTML 2Page - Texas Instruments LM2470 Datasheet HTML 3Page - Texas Instruments LM2470 Datasheet HTML 4Page - Texas Instruments LM2470 Datasheet HTML 5Page - Texas Instruments LM2470 Datasheet HTML 6Page - Texas Instruments LM2470 Datasheet HTML 7Page - Texas Instruments LM2470 Datasheet HTML 8Page - Texas Instruments LM2470 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
OBSOLETE
LM2470
www.ti.com
SNOSAA3B – APRIL 2004 – REVISED APRIL 2013
THEORY OF OPERATION
The LM2470 is a high voltage monolithic three channel CRT driver suitable for high resolution display
applications. The LM2470 operates with 85V and 8V power supplies. The part is housed in the industry standard
9-lead TO-220 molded plastic power package.
The circuit diagram of the LM2470 is shown in Figure 1. The PNP emitter follower, Q5, provides input buffering.
Q1 and Q2 form a fixed gain cascode amplifier with resistors R1 and R2 setting the gain at
−27. Emitter followers
Q3 and Q4 isolate the high output impedance of the cascode stage from the capacitance of the CRT cathode
which decreases the sensitivity of the device to load capacitance. Q6 provides biasing to the output emitter
follower stage to reduce crossover distortion at low signal levels.
Figure 3 shows a typical test circuit for evaluation of the LM2470. This circuit is designed to allow testing of the
LM2470 in a 50
Ω environment without the use of an expensive FET probe. In this test circuit, the two 2.49kΩ
resistors form a 200:1 wideband, low capacitance probe when connected to a 50
Ω coaxial cable and a 50Ω load
(such as a 50
Ω oscilloscope input). The input signal from the generator is ac coupled to the base of Q5.
Application Hints
INTRODUCTION
Texas Instruments is committed to provide application information that assists our customers in obtaining the
best performance possible from our products. The following information is provided in order to support this
commitment. The reader should be aware that the optimization of performance was done using a specific printed
circuit board designed at TI. Variations in performance can be realized due to physical changes in the printed
circuit board and the application. Therefore, the designer should know that component value changes may be
required in order to optimize performance in a given application. The values shown in this document can be used
as a starting point for evaluation purposes. When working with high bandwidth circuits, good layout practices are
also critical to achieving maximum performance.
IMPORTANT INFORMATION
The LM2470 performance is targeted for the VGA (640 x 480) to XGA (1024 x 768, 85 Hz refresh) resolution
market. The application circuits shown in this document to optimize performance and to protect against damage
from CRT arcover are designed specifically for the LM2470. If another member of the LM246X family is used,
please refer to its datasheet.
POWER SUPPLY BYPASS
Since the LM2470 is a wide bandwidth amplifier, proper power supply bypassing is critical for optimum
performance. Improper power supply bypassing can result in large overshoot, ringing or oscillation. 0.1 µF
capacitors should be connected from the supply pins, VCC and VBB, to ground, as close to the LM2470 as is
practical. Additionally, a 47 µF or larger electrolytic capacitor should be connected from both supply pins to
ground reasonably close to the LM2470.
ARC PROTECTION
During normal CRT operation, internal arcing may occasionally occur. Spark gaps, in the range of 200V,
connected from the CRT cathodes to CRT ground will limit the maximum voltage, but to a value that is much
higher than allowable on the LM2470. This fast, high voltage, high energy pulse can damage the LM2470 output
stage. The application circuit shown in Figure 10 is designed to help clamp the voltage at the output of the
LM2470 to a safe level. The clamp diodes, D1 and D2, should have a fast transient response, high peak current
rating, low series impedance and low shunt capacitance. FDH400 or equivalent diodes are recommended. Do
not use 1N4148 diodes for the clamp diodes. D1 and D2 should have short, low impedance connections to VCC
and ground respectively. The cathode of D1 should be located very close to a separately decoupled bypass
capacitor (C3 in Figure 10). The ground connection of D2 and the decoupling capacitor should be very close to
the LM2470 ground. This will significantly reduce the high frequency voltage transients that the LM2470 would be
subjected to during an arcover condition. Resistor R2 limits the arcover current that is seen by the diodes while
R1 limits the current into the LM2470 as well as the voltage stress at the outputs of the device. R2 should be a
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2470


同様の部品番号 - LM2470

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2470TA NSC-LM2470TA Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
More results

同様の説明 - LM2470

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2471 NSC-LM2471 Datasheet
663Kb / 10P
   Monolithic Triple 4 ns High Swing CRT Driver
LM2460 NSC-LM2460 Datasheet
951Kb / 11P
   Monolithic Triple Channel High Swing CRT Driver
logo
Texas Instruments
LM2460 TI1-LM2460 Datasheet
2Mb / 13P
[Old version datasheet]   Monolithic Triple Channel High Swing CRT Driver
logo
National Semiconductor ...
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com