データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4546A データシート(PDF) 7 Page - Texas Instruments

部品番号 LM4546A
部品情報  AC 97 Rev 2 Multi-Channel Audio Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4546A データシート(HTML) 7 Page - Texas Instruments

Back Button LM4546A Datasheet HTML 3Page - Texas Instruments LM4546A Datasheet HTML 4Page - Texas Instruments LM4546A Datasheet HTML 5Page - Texas Instruments LM4546A Datasheet HTML 6Page - Texas Instruments LM4546A Datasheet HTML 7Page - Texas Instruments LM4546A Datasheet HTML 8Page - Texas Instruments LM4546A Datasheet HTML 9Page - Texas Instruments LM4546A Datasheet HTML 10Page - Texas Instruments LM4546A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Line
Input
LM4546A
$& µ97 Rev 2.1
Codec
LINE_IN_R
24
LINE_IN_L
23
LINE_OUT_L
1.0 PF
35
Line
Output
AVDD
DVDD1
DVSS1
DVSS2
DVDD2
AVSS
Microphone
Inputs
MIC2
22
MIC1
21
CD
Input
CD_GND
19
CD_L
18
CD_R
20
Mono
Inputs
PHONE
13
PC_BEEP
12
BIT_CLK
6
SDATA_OUT
5
SDATA_IN
8
SYNC
10
RESET#
11
XTAL_IN
2
XTAL_OUT
3
33 pF
33 pF
1 M:
Z97
Digital
Controller
24.576 MHz
Analog
Ground
Digital
Ground
Connect Grounds at a single point
underneath or close to the package
LINE_OUT_R
1.0 PF
36
1.0 PF
37
MONO_OUT
VREF
3DN
VREF_OUT
AVDD
10 k:
+
0.1 PF
3.3 PF
27
28
3DP
33
34
0.022 PF
Optional: for
National 3D Sound
ID0#
ID1#
45
46
NC
NC
NC
NC
NC
NC
NC
NC
47
44
43
41
40
39
38
NC
NC
NC
NC
NC
NC
NC
NC
26
4
7
NC
NC
31
NC
NC
Default setting: Primary
Codec (ID 00)
NC
Mono
Output
1 PF
25
+
0.1 PF
5V Analog Supply
1
9
All NC pins should normally
be left open.
See Pin Descriptions for
details
VREF Output
(For external
microphone bias)
AVDD
48
32
NC
NC
42
NC
NC
NC
NC
30
29
17
16
NC
NC
NC
NC
NC
14
NC
15
NC
NC
NC
3.3V or 5V Digital Supply
1 PF
+
0.1 PF
27 nH.
OBSOLETE
LM4546A
www.ti.com
SNOS991E – NOVEMBER 2002 – REVISED APRIL 2013
TYPICAL APPLICATION
Figure 8. LM4546A Typical Application Circuit, Single Codec, 1 Vrms Inputs
Application Hints
The LM4546A must be initialized by using RESET# to perform a Power-On-Reset as shown in the Power On
Reset Timing Diagram
VREF must be pulled high to AVDD with a 10 kΩ resistor to ensure correct operation
Don't leave unused analog inputs floating. Tie all unused inputs together and connect to Analog Ground
through a capacitor (e.g. 0.1 µF)
Do not leave CD_GND floating when using the CD stereo input. CD_GND is the AC signal reference for the
CD channels and should be connected to the CD source ground (Analog Ground may also be acceptable)
through a 1 µF capacitor
If using a non-standard AC Link controller take care to keep the SYNC and SDATA_IN signals low during
Cold Reset to avoid entering the ATE or Vendor test modes by mistake
The PC_Beep input should be explicitly muted if not used since it defaults to 0 dB gain on reset, unlike the
mute default of the other analog inputs
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4546A


同様の部品番号 - LM4546A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4546AVH NSC-LM4546AVH Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
More results

同様の説明 - LM4546A

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4548A TI1-LM4548A Datasheet
676Kb / 34P
[Old version datasheet]   AC 97 Rev 2 Multi-Channel Audio Codec
LM4549A TI1-LM4549A Datasheet
434Kb / 35P
[Old version datasheet]   AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4550BVHX TI1-LM4550BVHX Datasheet
1Mb / 43P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4546 TI1-LM4546 Datasheet
451Kb / 22P
[Old version datasheet]   AC 97 Rev 2 Codec
logo
List of Unclassifed Man...
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
   AC 97 Rev 2.1 Audio CODEC
logo
National Semiconductor ...
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Wolfson Microelectronic...
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
   AC 97 Audio CODEC
logo
Texas Instruments
LM4548 TI1-LM4548 Datasheet
570Kb / 21P
[Old version datasheet]   AC 97 Rev 2 Codec with Sample Rate Conversion
LM4546B TI1-LM4546B Datasheet
1Mb / 37P
[Old version datasheet]   LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
logo
Wolfson Microelectronic...
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
   AC 97 AUDIO TOUCHPANEL CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com