データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2445 データシート(PDF) 4 Page - Texas Instruments

部品番号 LM2445
部品情報  Monolithic Triple 7.5 ns CRT Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2445 データシート(HTML) 4 Page - Texas Instruments

  LM2445 Datasheet HTML 1Page - Texas Instruments LM2445 Datasheet HTML 2Page - Texas Instruments LM2445 Datasheet HTML 3Page - Texas Instruments LM2445 Datasheet HTML 4Page - Texas Instruments LM2445 Datasheet HTML 5Page - Texas Instruments LM2445 Datasheet HTML 6Page - Texas Instruments LM2445 Datasheet HTML 7Page - Texas Instruments LM2445 Datasheet HTML 8Page - Texas Instruments LM2445 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
OBSOLETE
LM2445
SNOSA55B – MARCH 2002 – REVISED APRIL 2013
www.ti.com
AC TEST CIRCUIT
Note: 8 pF load includes parasitic capacitance.
Figure 3. Test Circuit (One Channel)
Figure 3 shows a typical test circuit for evaluation of the LM2445. This circuit is designed to allow testing of the
LM2445 in a 50
Ω environment without the use of an expensive FET probe. The two 2490Ω resistors form a
200:1 divider with the 50
Ω resistor and the oscilloscope. A test point is included for easy use of an oscilloscope
probe. The compensation capacitor is used to compensate the stray capacitance of the two 2490
Ω resistors to
achieve flat frequency response.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2445


同様の部品番号 - LM2445

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2445 NSC-LM2445 Datasheet
758Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
LM2445TA NSC-LM2445TA Datasheet
758Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
More results

同様の説明 - LM2445

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2445 NSC-LM2445 Datasheet
758Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
LM2407 NSC-LM2407 Datasheet
361Kb / 9P
   Monolithic Triple 7.5 nS CRT Driver
LM2437 NSC-LM2437 Datasheet
529Kb / 10P
   Monolithic Triple 7.5 ns CRT Driver
LM2467 NSC-LM2467 Datasheet
449Kb / 12P
   Monolithic Triple 7.5 ns CRT Driver
logo
Texas Instruments
LM2466 TI1-LM2466 Datasheet
1Mb / 14P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2436 NSC-LM2436 Datasheet
558Kb / 13P
   Monolithic Triple 7.5 ns CRT Driver
LM2466 NSC-LM2466 Datasheet
757Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
logo
Texas Instruments
LM2407 TI1-LM2407 Datasheet
1Mb / 13P
[Old version datasheet]   Monolithic Triple 7.5 nS CRT Driver
LM2436 TI1-LM2436 Datasheet
1Mb / 13P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com