データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD401M86RLA-5 データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 AD401M86RLA-5
部品情報  Low voltage operation is more suitable to be used on battery backup, portable electronic
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

AD401M86RLA-5 データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AD401M86RLA-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD401M86RLA-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD401M86RLA-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD401M86RLA-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD401M86RLA-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD401M86RLA-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD401M86RLA-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD401M86RLA-5 Datasheet HTML 12Page - List of Unclassifed Manufacturers AD401M86RLA-5 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Rev.1
Page 9
DC Characteristics :
(Ta = 0 to 70°C, VCC= +3.3V
%, VSS= 0V)
Notes:
1. ICC is specified as an average current. It depends on output loading condition and cycle rate when the
device is selected. ICC max is specified at the output open condition.
2. Address can be changed once or less while RAS = VIL.
3. For ICC4, address can be changed once or less within one EDO page mode cycle time.
Parameter
Symbol
Test Conditions
AD404M42V
Unit
Notes
-5
-6
Min
Max
Min
Max
Input leakage current
ILI
+ 0.3V
-5
5
-5
5
Output leakage current
ILO
+ 0.3V
Dout = Disable
-5
5
-5
5
Output high Voltage
VOH
IOH = -2mA
2.4
-
2.4
-
V
Output low voltage
VOL
IOL = +2mA
-
0.4
-
0.4
V
10
±
0V
Vin
V
C C
µA
0V
Vout
V
CC
µA


同様の部品番号 - AD401M86RLA-5

メーカー部品番号データシート部品情報
logo
Analog Devices
AD4010 AD-AD4010 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4011 AD-AD4011 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4011BCPZ-RL7 AD-AD4011BCPZ-RL7 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
More results

同様の説明 - AD401M86RLA-5

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74ALVC2G04 HITACHI-HD74ALVC2G04 Datasheet
89Kb / 10P
   Low voltage and high speed operation is suitable for the battery powered products
logo
JMK Inc.
AA-1113-1 JMK-AA-1113-1 Datasheet
27Kb / 1P
   battery charger is designed to provide charging capability for lead acid batteries used as backup batteries for vehicular electronic systems
logo
Silicon Laboratories
EFM32WG390 SILABS-EFM32WG390 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG990 SILABS-EFM32WG990 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG380 SILABS-EFM32WG380 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG942 SILABS-EFM32WG942 Datasheet
2Mb / 78P
   Operation from backup battery when main power drains out
EFM32WG332 SILABS-EFM32WG332 Datasheet
2Mb / 76P
   Operation from backup battery when main power drains out
EFM32WG360 SILABS-EFM32WG360 Datasheet
1Mb / 75P
   Operation from backup battery when main power drains out
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG995 SILABS-EFM32WG995 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com