データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADUM240D データシート(PDF) 7 Page - Analog Devices

部品番号 ADUM240D
部品情報  5.0 kV rms Quad Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADUM240D データシート(HTML) 7 Page - Analog Devices

Back Button ADUM240D Datasheet HTML 3Page - Analog Devices ADUM240D Datasheet HTML 4Page - Analog Devices ADUM240D Datasheet HTML 5Page - Analog Devices ADUM240D Datasheet HTML 6Page - Analog Devices ADUM240D Datasheet HTML 7Page - Analog Devices ADUM240D Datasheet HTML 8Page - Analog Devices ADUM240D Datasheet HTML 9Page - Analog Devices ADUM240D Datasheet HTML 10Page - Analog Devices ADUM240D Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADuM240D/ADuM240E/ADuM241D/ADuM241E/ADuM242D/ADuM242E
Rev. 0 | Page 7 of 24
ELECTRICAL CHARACTERISTICS—2.5 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 2.5 V. Minimum/maximum specifications apply over the entire recommended
operation range: 2.25 V ≤ VDD1 ≤ 2.75 V, 2.25 V ≤ VDD2 ≤ 2.75 V, −40°C ≤ TA ≤ +125°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted. Supply currents are specified with 50% duty cycle signals.
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Pulse Width
PW
6.6
ns
Within PWD limit
Data Rate1
150
Mbps
Within PWD limit
Propagation Delay
t
PHL, tPLH
5.0
7.0
14
ns
50% input to 50% output
Pulse Width Distortion
PWD
0.7
3
ns
|t
PLH − tPHL|
Change vs. Temperature
1.5
ps/°C
Propagation Delay Skew
t
PSK
6.8
ns
Between any two units at the same
temperature, voltage, and load
Channel Matching
Codirectional
t
PSKCD
0.7
3.0
ns
Opposing Direction
t
PSKOD
0.7
3.0
ns
Jitter
800
ps p-p
See the Jitter Measurement section
190
ps rms
See the Jitter Measurement section
DC SPECIFICATIONS
Input Threshold Voltage
Logic High
V
IH
0.7 × V
DDx
V
Logic Low
V
IL
0.3 × V
DDx
V
Output Voltage
Logic High
V
OH
V
DDx − 0.1
V
DDx
V
I
Ox
2 = −20 µA, V
Ix = VIxH
3
V
DDx − 0.4
V
DDx − 0.2
V
I
Ox
2 = −2 mA, V
Ix = VIxH
3
Logic Low
V
OL
0.0
0.1
V
I
Ox
2 = 20 µA, V
Ix = VIxL
4
0.2
0.4
V
I
Ox
2 = 2 mA, V
Ix = VIxL
4
Input Current per Channel
I
I
−10
+0.01
+10
µA
0 V ≤ V
Ix ≤ VDDx
V
E2 Enable Input Pull-Up Current
I
PU
−10
−3
µA
V
E2 = 0 V
DISABLE
1 Input Pull-Down Current
I
PD
9
15
µA
DISABLE
1 = VDDx
Tristate Output Current per Channel
I
OZ
−10
+0.01
+10
µA
0 V ≤ V
Ox ≤ VDDx
Quiescent Supply Current
ADuM240D/ADuM240E
I
DD1 (Q)
1.2
2.0
mA
V
I
5 = 0 (E0, D0), 1 (E1, D1)6
I
DD2 (Q)
2.0
2.64
mA
V
I
5 = 0 (E0, D0), 1 (E1, D1)6
I
DD1 (Q)
1.2
19.6
mA
V
I
5 = 1 (E0, D0), 0 (E1, D1)6
I
DD2 (Q)
2.0
2.76
mA
V
I
5 = 1 (E0, D0), 0 (E1, D1)6
ADuM241D/ADuM241E
I
DD1 (Q)
1.46
2.32
mA
V
I
5 = 1 (E0, D0), 0 (E1, D1)6
I
DD2 (Q)
1.75
2.47
mA
V
I
5 = 1 (E0, D0), 0 (E1, D1)6
I
DD1 (Q)
9.7
16.6
mA
V
I
5 = 1 (E0, D0), 0 (E1, D1)6
I
DD2 (Q)
5.67
9.67
mA
V
I
5 = 1 (E0, D0), 0 (E1, D1)6
ADuM242D/ADuM242E
I
DD1 (Q)
1.6
2.32
mA
V
I
5 = 1 (E0, D0), 0 (E1, D1)6
I
DD2 (Q)
1.6
2.32
mA
V
I
5 = 1 (E0, D0), 0 (E1, D1)6
I
DD1 (Q)
7.0
11.2
mA
V
I
5 = 1 (E0, D0), 0 (E1, D1)6
I
DD2 (Q)
7.0
11.2
mA
V
I
5 = 1 (E0, D0), 0 (E1, D1)6
Dynamic Supply Current
Dynamic Input
I
DDI (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle
Dynamic Output
I
DDO (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle


同様の部品番号 - ADUM240D

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM2400 AD-ADUM2400 Datasheet
209Kb / 23P
   Quad-Channel Digital Isolators, 5KV
Rev. PrD October 5, 2004
ADuM2400 AD-ADuM2400 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM2400 AD-ADUM2400 Datasheet
544Kb / 24P
   Quad-Channel Digital Isolators
Rev. F
ADuM2400ARIZ AD-ADuM2400ARIZ Datasheet
304Kb / 24P
   Quad-Channel Digital Isolators
REV. D
ADuM2400ARIZ AD-ADuM2400ARIZ Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
More results

同様の説明 - ADUM240D

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
   5.0 kV RMS Triple Channel Digital Isolators
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com