データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADUM3123 データシート(PDF) 3 Page - Analog Devices

部品番号 ADUM3123
部品情報  Isolated Precision Gate Driver, 4.0 A Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADUM3123 データシート(HTML) 3 Page - Analog Devices

  ADUM3123 Datasheet HTML 1Page - Analog Devices ADUM3123 Datasheet HTML 2Page - Analog Devices ADUM3123 Datasheet HTML 3Page - Analog Devices ADUM3123 Datasheet HTML 4Page - Analog Devices ADUM3123 Datasheet HTML 5Page - Analog Devices ADUM3123 Datasheet HTML 6Page - Analog Devices ADUM3123 Datasheet HTML 7Page - Analog Devices ADUM3123 Datasheet HTML 8Page - Analog Devices ADUM3123 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
ADuM3123
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V OPERATION
All voltages are relative to their respective ground. 4.5 V ≤ VDD1 ≤ 5.5 V, and 4.5 V ≤ VDD2 ≤ 18 V, unless stated otherwise. All minimum/
maximum specifications apply over TJ = −40°C to +125°C. All typical specifications are at TJ = 25°C, VDD1 = 5 V, and VDD2 = 12 V.
Switching specifications are tested with CMOS signal levels.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC SPECIFICATIONS
Input Supply Current, Quiescent
IDDI(Q)
1.4
2.4
mA
Output Supply Current, Quiescent
IDDO(Q)
2.3
3.7
mA
Supply Current at 1 MHz
VDD1 Supply Current
IDD1
1.6
2.5
mA
Up to 1 MHz, no load
VDD2 Supply Current
IDD2
5.6
8.0
mA
Up to 1 MHz, no load
Input Currents
II
−1
+0.01
+1
µA
0 V ≤ VI ≤ VDD1
Input Threshold
Logic High
VIH
0.7 × VDD1
V
Logic Low
VIL
0.3 × VDD1
V
Output Voltages
Logic High
VOH
VDD2 − 0.1
VDD2
V
VO = −20 mA, VI = VIH
Logic Low
VOL
0.0
0.15
V
VO = +20 mA, VI = VIL
Undervoltage Lockout, VDD1 Supply
Positive Going Threshold
VDD1UV+
2.8
V
Negative Going Threshold
VDD1UV−
2.6
V
Hysteresis
VDD1UVH
0.2
V
Undervoltage Lockout, VDD2 Supply
Positive Going Threshold
VDD2UV+
4.1
4.4
V
A Grade
6.9
7.4
V
B Grade
10.5
11.1
V
C Grade
Negative Going Threshold
VDD2UV−
3.2
3.6
V
A Grade
5.7
6.2
V
B Grade
9.0
9.6
V
C Grade
Hysteresis
VDD2UVH
0.5
V
A Grade
0.7
V
B Grade
0.9
V
C Grade
Output Short-Circuit Pulsed Current1
IO(SC)
2.0
4.0
A
VDD2 = 12 V
Output Source Resistance
RON_P
0.25
0.95
1.5
VDD2 = 12 V,
O
V
I = −250 mA
Output Sink Resistance
RON_N
0.55
0.6
1.35
VDD2 = 12 V,
O
V
I = 250 mA
THERMAL SHUTDOWN TEMPERATURES
Junction Temperature Shutdown
Rising Edge
TJR
150
°C
Falling Edge
TJF
140
°C
Rev. 0 | Page 3 of 15


同様の部品番号 - ADUM3123

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM3100 AD-ADUM3100 Datasheet
499Kb / 16P
   Digital Isolator, Enhanced System-Level ESD Reliability
REV. A
ADUM3100 AD-ADUM3100 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM3100ARWZ AD-ADUM3100ARWZ Datasheet
253Kb / 8P
   ESD/Latch-Up Considerations with iCoupler짰 Isolation Products
REV. 0
ADUM3100ARZ AD-ADUM3100ARZ Datasheet
499Kb / 16P
   Digital Isolator, Enhanced System-Level ESD Reliability
REV. A
ADUM3100ARZ-RL7 AD-ADUM3100ARZ-RL7 Datasheet
499Kb / 16P
   Digital Isolator, Enhanced System-Level ESD Reliability
REV. A
More results

同様の説明 - ADUM3123

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM1420 AD-ADUM1420 Datasheet
336Kb / 12P
   Quad Isolated Precision Gate Driver, 0.1 A Output
REV. A
ADUM4120 AD-ADUM4120 Datasheet
308Kb / 17P
   Isolated, Precision Gate Drivers with 2 A Output
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
ADUM1233 AD-ADUM1233 Datasheet
283Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1234 AD-ADUM1234 Datasheet
273Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
REV. 0
ADUM1234 AD-ADUM1234_15 Datasheet
262Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM3224 AD-ADUM3224 Datasheet
561Kb / 19P
   Isolated Precision Half-Bridge Driver, 4 A Output
ADUM1233 AD-ADUM1233_V01 Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com