データシートサーチシステム |
|
KA2S0765-TU データシート(PDF) 2 Page - Fairchild Semiconductor |
|
KA2S0765-TU データシート(HTML) 2 Page - Fairchild Semiconductor |
2 / 10 page KA2S0765 2 Absolute Maximum Ratings Note: 1. Tj=25 °C to 150° 2. Repetitive rating: Pulse width limited by maximum junction temperature 3. L=24mH, VDD=50V, RG=25 Ω, starting Tj=25 °C Characteristic Symbol Value Unit Maximum Drain voltage (1) VD,MAX 650 V Drain Gate voltage (RGS=1M Ω) VDGR 650 V Gate source (GND) voltage VGS ±30 V Drain current pulsed (2) IDM 28.0 ADC Single pulsed avalanche energy (3) EAS 570 mJ Continuous drain current (TC=25 °C) ID 7.0 ADC Continuous drain current (TC=100 °C) ID 5.6 ADC Maximum Supply voltage VCC,MAX 30 V Input voltage range VFB −0.3 to VSD V Total power dissipation PD 140 W Derating 1.11 W/ °C Operating ambient temperature TA −25 to +85 °C Storage temperature TSTG −55 to +150 °C |
同様の部品番号 - KA2S0765-TU |
|
同様の説明 - KA2S0765-TU |