データシートサーチシステム |
|
74F573PMX データシート(PDF) 5 Page - National Semiconductor (TI) |
|
|
74F573PMX データシート(HTML) 5 Page - National Semiconductor (TI) |
5 / 8 page Ordering Information The device number is used to form part of a simplified purchasing code where the package type and temperature range are defined as follows 74F 573 S C X Temperature Range Family Special Variations 74FeCommercial QB e Military grade device with 54FeMilitary environmental and burn-in processing Device Type X e Devices shipped in 13 reels Package Code Temperature Range P e Plastic DIP CeCommercial (0 Cto a70 C) D e Ceramic DIP MeMilitary (b55 Cto a125 C) F e Flatpak L e Leadless Chip Carrier (LCC) S e Small Outline SOIC JEDEC SJ e Small Outline SOIC EIAJ Physical Dimensions inches (millimeters) 20-Lead Ceramic Leadless Chip Carrier (L) NS Package Number E20A 5 |
同様の部品番号 - 74F573PMX |
|
同様の説明 - 74F573PMX |