データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3420AM5X-12.6 データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM3420AM5X-12.6
部品情報  Lithium-Ion Battery Charge Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3420AM5X-12.6 データシート(HTML) 1 Page - National Semiconductor (TI)

  LM3420AM5X-12.6 Datasheet HTML 1Page - National Semiconductor (TI) LM3420AM5X-12.6 Datasheet HTML 2Page - National Semiconductor (TI) LM3420AM5X-12.6 Datasheet HTML 3Page - National Semiconductor (TI) LM3420AM5X-12.6 Datasheet HTML 4Page - National Semiconductor (TI) LM3420AM5X-12.6 Datasheet HTML 5Page - National Semiconductor (TI) LM3420AM5X-12.6 Datasheet HTML 6Page - National Semiconductor (TI) LM3420AM5X-12.6 Datasheet HTML 7Page - National Semiconductor (TI) LM3420AM5X-12.6 Datasheet HTML 8Page - National Semiconductor (TI) LM3420AM5X-12.6 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM3420-4.2, -8.2, -8.4, -12.6, -16.8
Lithium-Ion Battery Charge Controller
General Description
The LM3420 series of controllers are monolithic integrated
circuits designed for charging and end-of-charge control for
Lithium-Ion rechargeable batteries. The LM3420 is available
in five fixed voltage versions for one through four cell charger
applications (4.2V, 8.2V/8.4V, 12.6V and 16.8V respec-
tively).
Included in a very small package is an (internally compen-
sated) op amp, a bandgap reference, an NPN output transis-
tor, and voltage setting resistors. The amplifier’s inverting in-
put
is
externally
accessible
for
loop
frequency
compensation. The output is an open-emitter NPN transistor
capable of driving up to 15 mA of output current into external
circuitry.
A trimmed precision bandgap reference utilizes temperature
drift curvature correction for excellent voltage stability over
the operating temperature range. Available with an initial tol-
erance of 0.5% for the A grade version, and 1% for the stan-
dard version, the LM3420 allows for precision end-of-charge
control for Lithium-Ion rechargeable batteries.
The LM3420 is available in a sub-miniature 5-lead SOT23-5
surface mount package thus allowing very compact designs.
Features
n
Voltage options for charging 1, 2, 3 or 4 cells
n
Tiny SOT23-5 package
n
Precision (0.5%) end-of-charge control
n
Drive capability for external power stage
n
Low quiescent current, 85 µA (typ.)
Applications
n
Lithium-Ion battery charging
n
Suitable for linear and switching regulator charger
designs
Typical Application and Functional Diagram
SIMPLE SWITCHER® is a registered trademark of National Semiconductor Corporation.
DS012359-1
Typical Constant Current/Constant Voltage
Li-Ion Battery Charger
DS012359-2
LM3420 Functional Diagram
July 2000
© 2000 National Semiconductor Corporation
DS012359
www.national.com


同様の部品番号 - LM3420AM5X-12.6

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3420AM5X-12.6 NSC-LM3420AM5X-12.6 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
More results

同様の説明 - LM3420AM5X-12.6

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680 Datasheet
265Kb / 18P
   Lithium-Ion Linear Battery Charge Controller
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800_04 Datasheet
93Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
logo
Advanced Analog Technol...
AAT3680 AAT-AAT3680 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Texas Instruments
UCC3956DW TI-UCC3956DW Datasheet
535Kb / 19P
[Old version datasheet]   SWITCH-MODE LITHIUM-ION BATTERY CHARGE CONTROLLER
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680_06 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com