データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74-MS7A データシート(PDF) 1 Page - NTE Electronics

部品番号 74-MS7A
部品情報  Available in Fast Acting and Slow Blow Types
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NTE [NTE Electronics]
ホームページ  http://www.nteinc.com
Logo NTE - NTE Electronics

74-MS7A データシート(HTML) 1 Page - NTE Electronics

  74-MS7A Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2
NTE Electronics, Inc. Voice (973) 748
−5089 FAX (973) 748−6224 http://www.nteinc.com
PICO Fuse Equivalent − 2.4 x 7mm
Epoxy Coated Axial Lead
Features
Available in Fast Acting and Slow Blow Types
RoHS Compliant
F−09
.287 (7.3)
1.102 (28.0)
.106 (2.7) Dia
.024 (0.6) Dia., < 8A
.032 (0.8) Dia.,
8A
Specifications
Rated Voltage: 125V
Breaking Capacity:
Fast Acting:
125V, 50A (250mA
− 3A); 125V, 30A (3.5A − 10A)
Slow Blow:
125V, 30A (375mA
− 7A)
Time Current Characteristics:
% of Ampere
Rating
Opening Time
Fast Acting
Slow Blow
100%
4 hours min.
4 hours min.
200%
20 seconds max.
60 seconds max.
300%
0.2
− 3.0 seconds
800%
0.02
− 0.1 seconds
Ordering Information:
NTE Type No.
Rated Current
Diag No.
Fast Acting
Slow Blow
74
−MF250MA
250mA
F
−09
74
−MF375MA
74
−MS375MA
375mA
F
−09
74
−MF500MA
74
−MS500MA
500mA
F
−09
74
−MF750MA
74
−MS750MA
750mA
F
−09
74
−MF1A
74
−MS1A
1.0A
F
−09
74
−MF1.5A
74
−MS1.5A
1.5A
F
−09
74
−MF2A
74
−MS2A
2.0A
F
−09
74
−MF2.5A
74
−MS2.5A
2.5A
F
−09
74
−MF3A
74
−MS3A
3.0A
F
−09
74
−MF3.5A
74
−MS3.5A
3.5A
F
−09
74
−MF4A
74
−MS4A
4.0A
F
−09
74
−MF5A
74
−MS5A
5.0A
F
−09
74
−MF7A
74
−MS7A
7.0A
F
−09
74
−MF10A
10A
F
−09
NOTE: All fuses are CSA approved. Fast Acting fuse are UL listed up to 3A and UL recognized from 3.5A to 10A. Slow Blow fuses are UL recognized
ONLY.
PICO is a registered trademark of Littelfuse.


同様の部品番号 - 74-MS7A

メーカー部品番号データシート部品情報
logo
NTE Electronics
74-MAF10A NTE-74-MAF10A Datasheet
5Mb / 1P
   Miniature Blade Type
74-MAF15A NTE-74-MAF15A Datasheet
5Mb / 1P
   Miniature Blade Type
74-MAF20A NTE-74-MAF20A Datasheet
5Mb / 1P
   Miniature Blade Type
74-MAF25A NTE-74-MAF25A Datasheet
5Mb / 1P
   Miniature Blade Type
74-MAF2A NTE-74-MAF2A Datasheet
5Mb / 1P
   Miniature Blade Type
More results

同様の説明 - 74-MS7A

メーカー部品番号データシート部品情報
logo
NTE Electronics
74-5FC100MA NTE-74-5FC100MA Datasheet
801Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FC125MA NTE-74-6FC125MA Datasheet
827Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FG100MA NTE-74-6FG100MA Datasheet
900Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5FG100MA NTE-74-5FG100MA Datasheet
668Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-4FG375MA NTE-74-4FG375MA Datasheet
441Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-3FG100MA NTE-74-3FG100MA Datasheet
466Kb / 1P
   Glass Microfuse, Fast Acting&Slow Blow
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S Datasheet
227Kb / 2P
   Slow Blow
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
   SLOW BLOW FUSES
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
   slow blow fuses
logo
Bel Fuse Inc.
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
   Slow Blow Fuse Series
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com