データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD18542KTT データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 CSD18542KTT
部品情報  60-V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18542KTT データシート(HTML) 8 Page - Texas Instruments

Back Button CSD18542KTT Datasheet HTML 4Page - Texas Instruments CSD18542KTT Datasheet HTML 5Page - Texas Instruments CSD18542KTT Datasheet HTML 6Page - Texas Instruments CSD18542KTT Datasheet HTML 7Page - Texas Instruments CSD18542KTT Datasheet HTML 8Page - Texas Instruments CSD18542KTT Datasheet HTML 9Page - Texas Instruments CSD18542KTT Datasheet HTML 10Page - Texas Instruments CSD18542KTT Datasheet HTML 11Page - Texas Instruments CSD18542KTT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
C
1.32
1.22
1.4
1.17
8.55
8.15
2X 5.08
2[.0]X
1.36
1.23
15.5
14.7
2[.0]X
0.9
0.77
4.7
4.4
0.25
0
0.25
GAGE PLANE
7.48
7.08
8
0
0.47
0.34
2.6
2
1.75 MAX
B
9.25
9.05
A
10.26
10.06
2.6
2
0.25
GAGE PLANE
1
0.25
C A
B
3
NOTE 3
EXPOSED
THERMAL PAD
OPTIONAL LEAD FORM
2
8
CSD18542KTT
SLPS590 – MARCH 2016
www.ti.com
Product Folder Links: CSD18542KTT
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 KTT Package Dimensions
Notes:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning
and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Features may not exist and shape may vary per different assembly sites.
Pin Configuration
POSITION
DESIGNATION
Pin 1
Gate
Pin 2 / Tab
Drain
Pin 3
Source


同様の部品番号 - CSD18542KTT

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
CSD18542KTT ISC-CSD18542KTT Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - CSD18542KTT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD18535KTT TI1-CSD18535KTT Datasheet
417Kb / 13P
[Old version datasheet]   60 V N-Channel NexFET Power MOSFET
CSD18536KTT TI1-CSD18536KTT Datasheet
418Kb / 13P
[Old version datasheet]   60 V N-Channel NexFET Power MOSFET
CSD18535KCS TI-CSD18535KCS_15 Datasheet
338Kb / 11P
[Old version datasheet]   CSD18535KCS 60 V N-Channel NexFET Power MOSFET
CSD18536KCS TI-CSD18536KCS_15 Datasheet
454Kb / 11P
[Old version datasheet]   CSD18536KCS 60 V N-Channel NexFET Power MOSFET
CSD18543Q3A TI1-CSD18543Q3A Datasheet
409Kb / 13P
[Old version datasheet]   CSD18543Q3A 60-V N-Channel NexFET Power MOSFET
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com