データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD-MRS400102S01 データシート(PDF) 2 Page - SICK AG

部品番号 LD-MRS400102S01
部品情報  3D LASER SCANNERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SICK [SICK AG]
ホームページ  http://www.sick.com/
Logo SICK - SICK AG

LD-MRS400102S01 データシート(HTML) 2 Page - SICK AG

  LD-MRS400102S01 Datasheet HTML 1Page - SICK AG LD-MRS400102S01 Datasheet HTML 2Page - SICK AG LD-MRS400102S01 Datasheet HTML 3Page - SICK AG LD-MRS400102S01 Datasheet HTML 4Page - SICK AG LD-MRS400102S01 Datasheet HTML 5Page - SICK AG LD-MRS400102S01 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LD-MRS400102S01 HD | LD-MRS
3D LASER SCANNERS
2
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-19 03:20:07
Subject to change without notice
Ordering information
Type
Part no.
LD-MRS400102S01 HD
1052961
Other models and accessories
www.sick.com/LD-MRS
Detailed technical data
Features
Version
Long Range
Field of application
Outdoor
Laser class
1
Aperture angle
85°, Working range with 4 measuring planes, 25° extension of working range with 2 measur-
ing planes to a total of 110°
Scanning frequency
12.5 Hz ... 50 Hz, object tracking at 12.5 Hz
Angular resolution
0.125°
0.25°
0.5°
Operating range
0.5 m ... 250 m
Max. range with 10 % reflectivity
30 m
Amount of evaluated echoes
3
Performance
Detectable object shape
Almost any
Systematic error
± 300 mm 1)
Statistical error
100 mm 1)
Integrated application
Object tracking
1) Typical value; actual value depends on environmental conditions.
Interfaces
Serial (RS-232)
Function Auxiliary interface
Data transmission rate 57,600 Baud
Ethernet
Function Raw data interface/parameterization
Data transmission rate 100 Mbit/s
Protocol TCP/IP
CAN bus
Function Output: Objects, Input: Vehicle ego motion data
Mechanics/electronics
Electrical connection
Circular plug-in connector


同様の部品番号 - LD-MRS400102S01

メーカー部品番号データシート部品情報
logo
SICK AG
LD-MRS400102 SICK-LD-MRS400102 Datasheet
863Kb / 6P
   3D LASER SCANNERS
More results

同様の説明 - LD-MRS400102S01

メーカー部品番号データシート部品情報
logo
SICK AG
LD-MRS400001S01 SICK-LD-MRS400001S01 Datasheet
845Kb / 6P
   3D LASER SCANNERS
LD-MRS800001S01 SICK-LD-MRS800001S01 Datasheet
869Kb / 6P
   3D LASER SCANNERS
LD-MRS400001 SICK-LD-MRS400001 Datasheet
845Kb / 6P
   3D LASER SCANNERS
LD-MRS400102 SICK-LD-MRS400102 Datasheet
863Kb / 6P
   3D LASER SCANNERS
S30A-7011DA SICK-S30A-7011DA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
S30A-7011GB SICK-S30A-7011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7111CL SICK-S30A-7111CL Datasheet
1Mb / 7P
   SAFETY LASER SCANNERS
S30B-2011DA SICK-S30B-2011DA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
LMC124-11000 SICK-LMC124-11000 Datasheet
344Kb / 5P
   2D LASER SCANNERS
LMS151-10100 SICK-LMS151-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com