データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7491196112 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 7491196112
部品情報  WE-PoEH Power over Ethernet High Power Transformer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7491196112 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7491196112 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7491196112 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7491196112 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7491196112 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7491196112 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1.0
REV
2014-08-04
DATE
MiBr
BY
SSt
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PoEH Power over Ethernet High Power
Transformer
Order.- No.
7491196112
SIZE
A4
Size: EPQ13
A Dimensions: [mm]
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Turns ratio
Saturation current
DC Resistance 1
DC Resistance 2
DC Resistance 3
DC Resistance 4
Leakage inductance
Insulation test voltage
Insulation test voltage
Voltage-µSecond
Test conditions
100 kHz/ 100 mV
|ΔL/L| < 20%
@ 20°C
@ 20°C
@ 20°C
@ 20°C
100 kHz/ 100 mV
prim => sec
N2 => N3, N1 => N4
B = 280 mT
L
n
Isat
RDC1
RDC2
RDC3
RDC4
LS
UT
UT
∫Udt
Value
100
1.71:1:1:0.86
1
50
30
35
100
0.5
1500
500
106.5
Unit
µH
A
µH
V (AC)
V (AC)
µVs
Tol.
±25%
±3%
typ.
max.
max.
max.
max.
max.
typ.
E General information:
It is recommended that the temperature of the part does
not exceed +125°C under worst case conditions.
•Storage Temperature: -20°C to 60°C
•Operating Temperature: -40°C to 125°C
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 7491196112

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7491196212 WURTH-7491196212 Datasheet
422Kb / 5P
   WE-PoEH Power over Ethernet High Power Transformer
749119633 WURTH-749119633 Datasheet
422Kb / 5P
   WE-PoEH Power over Ethernet High Power Transformer
7491196331 WURTH-7491196331 Datasheet
422Kb / 5P
   WE-PoEH Power over Ethernet High Power Transformer
749119650 WURTH-749119650 Datasheet
423Kb / 5P
   WE-PoEH Power over Ethernet High Power Transformer
7491196501 WURTH-7491196501 Datasheet
423Kb / 5P
   WE-PoEH Power over Ethernet High Power Transformer
More results

同様の説明 - 7491196112

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
749119533 WURTH-749119533 Datasheet
507Kb / 5P
   WE-PoEH Power over Ethernet High Power Transformer
7491195501 WURTH-7491195501 Datasheet
503Kb / 5P
   WE-PoEH Power over Ethernet High Power Transformer
7491196331 WURTH-7491196331 Datasheet
422Kb / 5P
   WE-PoEH Power over Ethernet High Power Transformer
7491196212 WURTH-7491196212 Datasheet
422Kb / 5P
   WE-PoEH Power over Ethernet High Power Transformer
7491196501 WURTH-7491196501 Datasheet
423Kb / 5P
   WE-PoEH Power over Ethernet High Power Transformer
749119550 WURTH-749119550 Datasheet
506Kb / 5P
   WE-PoEH Power over Ethernet High Power Transformer
7491195212 WURTH-7491195212 Datasheet
502Kb / 5P
   WE-PoEH Power over Ethernet High Power Transformer
7491195331 WURTH-7491195331 Datasheet
503Kb / 5P
   WE-PoEH Power over Ethernet High Power Transformer
7491195224 WURTH-7491195224 Datasheet
356Kb / 5P
   WE-PoEH Power over Ethernet High Power Transformer
001.000
749119650 WURTH-749119650 Datasheet
423Kb / 5P
   WE-PoEH Power over Ethernet High Power Transformer
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com