データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM285LPRE3-2-5 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM285LPRE3-2-5
部品情報  Micropower Voltage References
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM285LPRE3-2-5 データシート(HTML) 6 Page - Texas Instruments

Back Button LM285LPRE3-2-5 Datasheet HTML 2Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 3Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 4Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 5Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 6Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 7Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 8Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 9Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
1000
10
1
0.1
100
0.01
0.1
1
10
100
Iz − Reference Current − mA
1
0.1
0.01
0.1
1
10
10
100
1000
100
f − Frequency − kHz
IZ = 100 µA
TA = 25°C
1 k
10 k
2.495
2.48
− 55 − 35 − 15
5
2.505
2.525
45
65
25
TA − Free-Air Temperature − °C
2.485
2.49
2.5
2.51
2.515
2.52
IZ = 20 µA to 20 mA
105 125
85
0.8
0.4
0
1.2
0.01
0.1
1
10
100
1.6
IF − Forward Current − mA
TA = 25°C
0.6
0.2
1
1.4
1
0.1
0
0.5
1
1.5
10
100
2.5
3
2
VR − Reverse Voltage − V
12
4
0
− 4
8
0.01
0.1
1
10
100
16
IR − Reverse Current − mA
6
LM285-2.5, LM385-2.5, LM385B-2.5
SLVS023K – JANUARY 1989 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LM285-2.5 LM385-2.5 LM385B-2.5
Submit Documentation Feedback
Copyright © 1989–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various
devices. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
TA = 25°C
Figure 1. Reverse Current vs Reverse Voltage
TA = 25°C
Figure 2. Reference Voltage Change vs Reverse Current
Figure 3. Forward Voltage vs Forward Current
Figure 4. Reference Voltage vs Free-Air Temperature
f = 25 Hz
TA = 25°C
Figure 5. Reference Impedance vs Reference Current
Figure 6. Reference Impedance vs Frequency


同様の部品番号 - LM285LPRE3-2-5

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM285LPRE3-2-5 TI-LM285LPRE3-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results

同様の説明 - LM285LPRE3-2-5

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com