データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3670MFX-ADJ データシート(PDF) 10 Page - Texas Instruments

部品番号 LM3670MFX-ADJ
部品情報  Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3670MFX-ADJ データシート(HTML) 10 Page - Texas Instruments

Back Button LM3670MFX-ADJ Datasheet HTML 6Page - Texas Instruments LM3670MFX-ADJ Datasheet HTML 7Page - Texas Instruments LM3670MFX-ADJ Datasheet HTML 8Page - Texas Instruments LM3670MFX-ADJ Datasheet HTML 9Page - Texas Instruments LM3670MFX-ADJ Datasheet HTML 10Page - Texas Instruments LM3670MFX-ADJ Datasheet HTML 11Page - Texas Instruments LM3670MFX-ADJ Datasheet HTML 12Page - Texas Instruments LM3670MFX-ADJ Datasheet HTML 13Page - Texas Instruments LM3670MFX-ADJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1 MHz
Oscillator
Soft
Start
Ramp
Generator
+
-
Thermal
Shutdown
Undervoltage
Lockout
VREF
+
-
0.5V
Error
Amp
Control Logic
Driver
Current Limit
Comparator
Ref1
PFM Current
Comparator
Ref2
SW
Zero Crossing
Comparator
FB
EN
VIN
PWM Comparator
pfm_low
pfm_hi
GND
Bandgap
+
-
Vcomp
1.0V
Frequency
Compensation
Adj Version
Fixed Version
10
LM3670
SNVS250F – NOVEMBER 2004 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3670
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM3670, a high-efficiency step-down DC-DC switching buck converter, delivers a constant voltage from
either a single Li-Ion or three-cell NiMH/NiCd battery to portable devices such as cell phones and PDAs. Using a
voltage mode architecture with synchronous rectification, the LM3670 can deliver up to 350 mA depending on the
input voltage and output voltage (voltage head room), and the inductor chosen (maximum current capability).
There are three modes of operation depending on the current required: pulse width modulation (PWM), pulse
frequency modulation (PFM), and shutdown. PWM mode handles current loads of approximately 70 mA or
higher. Lighter output current loads cause the device to automatically switch into PFM for reduced current
consumption (IQ = 15 µA typical) and a longer battery life. Shutdown mode turns off the device, offering the
lowest current consumption (ISHUTDOWN = 0.1 µA typical).
The LM3670 can operate up to a 100% duty cycle (PMOS switch always on) for low dropout control of the output
voltage. In this way the output voltage is controlled down to the lowest possible input voltage.
Additional features include soft-start, undervoltage lockout, current overload protection, and thermal overload
protection. As shown in Figure 17, only three external power components are required for implementation.
7.2 Functional Block Diagram


同様の部品番号 - LM3670MFX-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3670MFX-ADJ NSC-LM3670MFX-ADJ Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MFX-ADJ NSC-LM3670MFX-ADJ Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670MFX-ADJ TI-LM3670MFX-ADJ Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MFX-ADJ/NOPB TI1-LM3670MFX-ADJ/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results

同様の説明 - LM3670MFX-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com