データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM27951 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM27951
部品情報  White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM27951 データシート(HTML) 3 Page - Texas Instruments

  LM27951 Datasheet HTML 1Page - Texas Instruments LM27951 Datasheet HTML 2Page - Texas Instruments LM27951 Datasheet HTML 3Page - Texas Instruments LM27951 Datasheet HTML 4Page - Texas Instruments LM27951 Datasheet HTML 5Page - Texas Instruments LM27951 Datasheet HTML 6Page - Texas Instruments LM27951 Datasheet HTML 7Page - Texas Instruments LM27951 Datasheet HTML 8Page - Texas Instruments LM27951 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1
3
4
5
6
14
12
11
10
9
Die-Attach Pad: GND
VOUT
C1+
VIN
D3
D2
C2+
C1-
GND
C2-
EN
7
D1
8
ISET
2
D4
13
PWM
1
2
3
4
5
14
12
11
10
9
Die-Attach Pad: GND
VOUT
C2+
C1+
D4
D3
C1-
C2-
VIN
PWM
EN
8
ISET
13
GND
6
7
D2
D1
3
LM27951
www.ti.com
SNVS416C – NOVEMBER 2005 – REVISED FEBRUARY 2016
Product Folder Links: LM27951
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
NHK Package
14-Pin WSON
Top View
NHK Package
14-Pin WSON
Bottom View
Pin Functions
PIN
TYPE
DESCRIPTION
NUMBER
NAME
1
C2+
Power
Flying capacitor C2 connection
2
VOUT
Power
Pre-regulated charge-pump output
3
C1+
Power
Flying capacitor C1 connection
4
D4
Output
Regulated current source output
5
D3
Output
Regulated current source output
6
D2
Output
Regulated current source output
7
D1
Output
Regulated current source output
8
ISET
Input
Current set input. Placing a resistor (RSET) between this pin and GND sets the LED
current for all the LEDs. LED current = 200 × (1.25 V / RSET).
9
EN
Input
Enable logic input pin. Logic low = shutdown; Logic high = enabled. There is a 150-k
(typical) resistor connected internally between the EN pin and GND.
10
PWM
Input
Current source modulation logic input pin. Logic low = Off; Logic high = On.
Applying a pulse width modulated (PWM) signal to this pin allows the regulated current
sources to be modulated without shutting down the internal charge pump and the VOUT
node.
11
VIN
Input
Input supply: 2.8 V to 5.5 V
12
C2-
Power
Flying capacitor C2 connection
13
GND
Ground
Power supply ground connection
14
C1-
Power
Flying capacitor C1 connection


同様の部品番号 - LM27951

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951SD NSC-LM27951SD Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951SDX NSC-LM27951SDX Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
More results

同様の説明 - LM27951

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM27953 NSC-LM27953 Datasheet
681Kb / 11P
   White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com