データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM36923H データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM36923H
部品情報  Highly Efficient Triple-String White LED Driver
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM36923H データシート(HTML) 8 Page - Texas Instruments

Back Button LM36923H Datasheet HTML 4Page - Texas Instruments LM36923H Datasheet HTML 5Page - Texas Instruments LM36923H Datasheet HTML 6Page - Texas Instruments LM36923H Datasheet HTML 7Page - Texas Instruments LM36923H Datasheet HTML 8Page - Texas Instruments LM36923H Datasheet HTML 9Page - Texas Instruments LM36923H Datasheet HTML 10Page - Texas Instruments LM36923H Datasheet HTML 11Page - Texas Instruments LM36923H Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
860
910
960
1,010
1,060
1,110
VIN (V)
-40 degC
30 degC
85 degC
125 degC
C001
1,100
1,150
1,200
1,250
1,300
1,350
1,400
VIN (V)
-40 degC
30 degC
85 degC
125 degC
C001
20
25
30
35
40
45
50
VIN (V)
125 degC
85 degC
30 degC
-40 degC
C001
575
625
675
725
775
825
875
VIN (V)
-40 degC
30 degC
85 degC
125 degC
C001
0
0.5
1
1.5
2
2.5
3
3.5
VIN (V)
125 degC
85 degC
30 degC
-40 degC
C001
0
0.5
1
1.5
2
2.5
3
VIN (V)
125 degC
85 degC
30 degC
-40 degC
C001
8
LM36923H
SNVSAF3A – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM36923H
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
HWEN = GND
Figure 8. Shutdown Current
fSW= 1 Mhz
No Load
Figure 9. IQ Current (Switching)
ILED = 5 mA
Figure 10. VHR MIN
Open Loop
Figure 11. 750-mA OCP Current
Open Loop
Figure 12. 1000-mA OCP Current
Open Loop
Figure 13. 1250-mA OCP Current


同様の部品番号 - LM36923H

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM36922 TI1-LM36922 Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922HYFFR TI1-LM36922HYFFR Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922YFFR TI1-LM36922YFFR Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
More results

同様の説明 - LM36923H

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Monolithic Power System...
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
   50V, 4-String, White LED Driver
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
   50V, 4-String White LED Driver
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
   50V, 8-String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com