データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM36923HYFFR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM36923HYFFR
部品情報  Highly Efficient Triple-String White LED Driver
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM36923HYFFR データシート(HTML) 1 Page - Texas Instruments

  LM36923HYFFR Datasheet HTML 1Page - Texas Instruments LM36923HYFFR Datasheet HTML 2Page - Texas Instruments LM36923HYFFR Datasheet HTML 3Page - Texas Instruments LM36923HYFFR Datasheet HTML 4Page - Texas Instruments LM36923HYFFR Datasheet HTML 5Page - Texas Instruments LM36923HYFFR Datasheet HTML 6Page - Texas Instruments LM36923HYFFR Datasheet HTML 7Page - Texas Instruments LM36923HYFFR Datasheet HTML 8Page - Texas Instruments LM36923HYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
VOUT (Up to 38V)
IN
SW
OVP
LED1
LED2
GND
VBATT
HWEN
LM36923H
PWM
SDA
SCL
LED3
VIO
ASEL
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM36923H
SNVSAF3A – FEBRUARY 2016 – REVISED FEBRUARY 2016
LM36923H Highly Efficient Triple-String White LED Driver
1
1 Features
1
1% Matched Current Sinks Across Process,
Voltage, Temperature
3% Current-Sink Accuracy Across Process,
Voltage, Temperature
11-Bit Dimming Resolution
Up to 90% Solution Efficiency
Drives from One to Three Parallel LED Strings at
up to 38 V at 25 mA per String
PWM Dimming Input
I2C Programmable
Selectable 500-kHz and 1-MHz Switching
Frequency With Optional –12% shift
Auto Switch Frequency Mode (250 kHz, 500 kHz,
1 MHz)
Four Configurable Overvoltage Protection
Thresholds (17 V, 24 V, 31 V, 38 V)
Four Configurable Overcurrent Protection
Thresholds (750 mA, 1000 mA, 1250 mA,
1500 mA)
Thermal Shutdown Protection
Externally Selectable I2C Address Options via
ASEL Input
2 Applications
Power Source for Smart Phone and Tablet
Backlighting
LCD Panels With up to 24 LEDs
3 Description
The LM36923H is an ultra-compact, highly efficient,
three-string white-LED driver designed for LCD
display backlighting. The device can power up to 12
series LEDs at up to 25 mA per string. An adaptive
current regulation method allows for different LED
voltages in each string while maintaining current
regulation.
The LED current is adjusted via an I2C interface or
through a logic level PWM input. The PWM duty cycle
is internally sensed and mapped to an 11-bit current
thus allowing for a wide range of PWM frequencies
with noise-free operation from 50 µA to 25 mA.
Other features include an auto-frequency mode,
which can automatically change the frequency based
on load current in order to optimize efficiency.
The device operates over the 2.5-V to 5.5-V input
voltage range and a –40°C to +85°C temperature
range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM36923H
DSBGA (12)
1.756 mm × 1.355 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
space
space
space
space
Simplified Schematic
Typical String-to-String Matching vs LED Current


同様の部品番号 - LM36923HYFFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM36922 TI1-LM36922 Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922HYFFR TI1-LM36922HYFFR Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922YFFR TI1-LM36922YFFR Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
More results

同様の説明 - LM36923HYFFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Monolithic Power System...
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
   50V, 4-String, White LED Driver
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
   50V, 4-String White LED Driver
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
   50V, 8-String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com