データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV809K33DBVT データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV809K33DBVT
部品情報  3-Pin Supply Voltage Supervisor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV809K33DBVT データシート(HTML) 1 Page - Texas Instruments

  TLV809K33DBVT Datasheet HTML 1Page - Texas Instruments TLV809K33DBVT Datasheet HTML 2Page - Texas Instruments TLV809K33DBVT Datasheet HTML 3Page - Texas Instruments TLV809K33DBVT Datasheet HTML 4Page - Texas Instruments TLV809K33DBVT Datasheet HTML 5Page - Texas Instruments TLV809K33DBVT Datasheet HTML 6Page - Texas Instruments TLV809K33DBVT Datasheet HTML 7Page - Texas Instruments TLV809K33DBVT Datasheet HTML 8Page - Texas Instruments TLV809K33DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3.3 V
TLV809K33
DSP, FPGA, ASIC
GND
GND
RESET
RESET
V
DD
3.3-V LDO
GND
OUT
IN
5 V
V
DD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV809
SLVSA03D – JUNE 2010 – REVISED MARCH 2016
TLV809
3-Pin Supply Voltage Supervisor
1
1 Features
1
Precision Supply Voltage Monitor:
2.5 V, 3 V, 3.3 V, 5 V
Power-On Reset Generator with a
Fixed Delay Time of 200 ms
Supply Current: 9 µA (Typical)
Temperature Range: –40°C to +85°C
3-Pin SOT-23 Package
Pin-for-Pin Compatible with the MAX809
2 Applications
DSPs, Microcontrollers, and Microprocessors
Wireless Communication Systems
Portable and Battery-Powered Equipment
Programmable Controls
Intelligent Instruments
Industrial Equipment
Notebook and Desktop Computers
Automotive Systems
Typical Application
3 Description
The TLV809 family of supervisory circuits provides
circuit initialization and timing supervision, primarily
for digital signal processors (DSPs) and processor-
based systems.
During power-on, RESET is asserted when the
supply voltage (VDD) becomes greater than 1.1 V.
Thereafter, the supervisory circuit monitors VDD and
keeps RESET active as long as VDD remains below
the threshold voltage, VIT. An internal timer delays the
return of the output to the inactive state (high) to
ensure proper system reset. The delay time (td(typ) =
200 ms) starts after VDD rises above the threshold
voltage, VIT. When the supply voltage drops below
the VIT threshold voltage, the output becomes active
(low) again. No external components are required. All
devices in this family have a fixed sense-threshold
voltage (VIT) set by an internal voltage divider.
The TLV803 has an active-low, push-pull RESET
output. See the TLV803 for an open-drain RESET
output and the TLV810 for a push-pull, active-high
RESET output.
This product family is designed for supply voltages of
2.5 V, 3 V, 3.3 V, and 5 V. The circuits are available
in a 3-pin SOT-23 package. The TLV809 devices are
characterized for operation over a temperature range
of –40°C to +85°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV809
SOT-23 (3), DBV
2.90 mm × 1.60 mm
SOT-23 (3), DBZ
2.92 mm × 1.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


同様の部品番号 - TLV809K33DBVT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV809K33DBVT TI1-TLV809K33DBVT Datasheet
691Kb / 16P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results

同様の説明 - TLV809K33DBVT

メーカー部品番号データシート部品情報
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
   3-Pin Microcontroller Power Supply Supervisor
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
   3-Pin Microcontroller Power Supply Supervisor
logo
A1 PROs co., Ltd.
IMP809 A1PROS-IMP809 Datasheet
170Kb / 7P
   3-Pin Microcontroller Power Supply Supervisor
1998
logo
Alliance Semiconductor ...
ASM809 ALSC-ASM809 Datasheet
220Kb / 10P
   3 Pin Microcontroller Power Supply Supervisor
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com