データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD6643BCPZ-200 データシート(PDF) 6 Page - Analog Devices

部品番号 AD6643BCPZ-200
部品情報  Dual IF Receiver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD6643BCPZ-200 データシート(HTML) 6 Page - Analog Devices

Back Button AD6643BCPZ-200 Datasheet HTML 2Page - Analog Devices AD6643BCPZ-200 Datasheet HTML 3Page - Analog Devices AD6643BCPZ-200 Datasheet HTML 4Page - Analog Devices AD6643BCPZ-200 Datasheet HTML 5Page - Analog Devices AD6643BCPZ-200 Datasheet HTML 6Page - Analog Devices AD6643BCPZ-200 Datasheet HTML 7Page - Analog Devices AD6643BCPZ-200 Datasheet HTML 8Page - Analog Devices AD6643BCPZ-200 Datasheet HTML 9Page - Analog Devices AD6643BCPZ-200 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD6643
Data Sheet
Rev. C | Page 6 of 40
AD6643-200
AD6643-250
Parameter1
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 30 MHz
25°C
92
90
dBc
fIN = 90 MHz
25°C
91
88
dBc
Full
80
dBc
fIN = 140 MHz
25°C
88
86
dBc
fIN = 185 MHz
25°C
88
85
dBc
Full
79
dBc
fIN = 220 MHz
25°C
84
85
dBc
WORST OTHER HARMONIC OR SPUR
fIN = 30 MHz
25°C
−94
−94
dBc
fIN = 90 MHz
25°C
−94
−93
dBc
Full
−80
dBc
fIN = 140 MHz
25°C
−95
−92
dBc
fIN = 185 MHz
25°C
−94
−92
dBc
Full
−80
dBc
fIN = 220 MHz
25°C
−93
−88
dBc
TWO TONE SFDR
fIN = 184.12 MHz, 187.12 MHz (−7 dBFS)
25°C
88
88
dBc
CROSSTALK2
Full
95
95
dB
FULL POWER BANDWIDTH3
25°C
1000
1000
MHz
1
For a complete set of definitions, see the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation.
2
Crosstalk is measured at 100 MHz with −1 dBFS on one channel and with no input on the alternate channel.
3
Full power bandwidth is the bandwidth for the ADC inputs at which the spectral power of the fundamental frequency is reduced by 3 dB.
DIGITAL SPECIFICATIONS—AD6643-200/AD6643-250
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.75 V p-p full-scale input range,
DCS enabled, default SPI, unless otherwise noted.
Table 3.
Parameter
Temperature
Min
Typ
Max
Unit
DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
0.9
V
Differential Input Voltage
Full
0.3
3.6
V p-p
Input Voltage Range
Full
AGND
AVDD
V
Input Common-Mode Range
Full
0.9
1.4
V
Input Current Level
High
Full
10
22
µA
Low
Full
−22
−10
µA
Input Capacitance
Full
4
pF
Input Resistance
Full
8
10
12
kΩ
SYNC INPUT
Logic Compliance
CMOS/LVDS
Internal Bias
Full
0.9
V
Input Voltage Range
Full
AGND
AVDD
V
Input Voltage Level
High
Full
1.2
AVDD
V
Low
Full
AGND
0.6
V


同様の部品番号 - AD6643BCPZ-200

メーカー部品番号データシート部品情報
logo
Analog Devices
AD6643BCPZ-200 AD-AD6643BCPZ-200 Datasheet
1Mb / 36P
   Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
REV. 0
AD6643BCPZ-200 AD-AD6643BCPZ-200 Datasheet
1Mb / 41P
   Dual IF Receiver
More results

同様の説明 - AD6643BCPZ-200

メーカー部品番号データシート部品情報
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
logo
Texas Instruments
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6673 AD-AD6673_17 Datasheet
1Mb / 46P
   80 MHz Bandwidth, Dual IF Receiver
logo
Texas Instruments
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6673 AD-AD6673 Datasheet
1Mb / 45P
   80 MHz Bandwidth, Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com