データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD6643BCPZRL7-200 データシート(PDF) 3 Page - Analog Devices

部品番号 AD6643BCPZRL7-200
部品情報  Dual IF Receiver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD6643BCPZRL7-200 データシート(HTML) 3 Page - Analog Devices

  AD6643BCPZRL7-200 Datasheet HTML 1Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 2Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 3Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 4Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 5Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 6Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 7Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 8Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Data Sheet
AD6643
Rev. C | Page 3 of 40
When the NSR block is disabled, the ADC data is provided directly
to the output at a resolution of 11 bits. The AD6643 can achieve
up to 66.5 dBFS SNR for the entire Nyquist bandwidth when
operated in this mode. This allows the AD6643 to be used in
telecommunication applications such as a digital predistortion
observation path where wider bandwidths are required.
After digital signal processing, multiplexed output data is
routed into two 11-bit output ports such that the maximum
data rate is 400 Mbps (DDR). These outputs are LVDS and
support ANSI-644 levels.
The AD6643 receiver digitizes a wide spectrum of IF frequencies.
Each receiver is designed for simultaneous reception of a separate
antenna. This IF sampling architecture greatly reduces compo-
nent cost and complexity compared with traditional analog
techniques or less integrated digital methods.
Flexible power-down options allow significant power savings.
Programming for device setup and control is accomplished
using a 3-wire SPI-compatible serial interface with numerous
modes to support board level system testing.
The AD6643 is available in a Pb-free, RoHS-compliant, 64-lead,
9 mm × 9 mm lead frame chip scale package (LFCSP_VQ) and is
specified over the industrial temperature range of −40°C to +85°C.
This product is protected by a U.S. patent.
PRODUCT HIGHLIGHTS
1.
Two ADCs are contained in a small, space-saving,
9 mm × 9 mm × 0.85 mm, 64-lead LFCSP package.
2.
Pin selectable noise shaping requantizer (NSR) function
that allows for improved SNR within a reduced bandwidth
of up to 60 MHz at 185 MSPS.
3.
LVDS digital output interface configured for low cost
FPGA families.
4.
Operation from a single 1.8 V supply.
5.
Standard serial port interface (SPI) that supports various
product features and functions, such as data formatting
(offset binary or twos complement), NSR, power-down,
test modes, and voltage reference mode.
6.
On-chip integer 1-to-8 input clock divider and multichip
sync function to support a wide range of clocking schemes
and multichannel subsystems.


同様の部品番号 - AD6643BCPZRL7-200

メーカー部品番号データシート部品情報
logo
Analog Devices
AD6643BCPZRL7-200 AD-AD6643BCPZRL7-200 Datasheet
1Mb / 36P
   Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
REV. 0
AD6643BCPZRL7-200 AD-AD6643BCPZRL7-200 Datasheet
1Mb / 41P
   Dual IF Receiver
More results

同様の説明 - AD6643BCPZRL7-200

メーカー部品番号データシート部品情報
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
logo
Texas Instruments
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6673 AD-AD6673_17 Datasheet
1Mb / 46P
   80 MHz Bandwidth, Dual IF Receiver
logo
Texas Instruments
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6673 AD-AD6673 Datasheet
1Mb / 45P
   80 MHz Bandwidth, Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com