データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXRS645HDYZ データシート(PDF) 8 Page - Analog Devices

部品番号 ADXRS645HDYZ
部品情報  High Temperature, Vibration Rejecting plus,minus2000temperature/sec Gyroscope
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXRS645HDYZ データシート(HTML) 8 Page - Analog Devices

Back Button ADXRS645HDYZ Datasheet HTML 2Page - Analog Devices ADXRS645HDYZ Datasheet HTML 3Page - Analog Devices ADXRS645HDYZ Datasheet HTML 4Page - Analog Devices ADXRS645HDYZ Datasheet HTML 5Page - Analog Devices ADXRS645HDYZ Datasheet HTML 6Page - Analog Devices ADXRS645HDYZ Datasheet HTML 7Page - Analog Devices ADXRS645HDYZ Datasheet HTML 8Page - Analog Devices ADXRS645HDYZ Datasheet HTML 9Page - Analog Devices ADXRS645HDYZ Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ADXRS645
Data Sheet
Figure 17. Current Consumption at 25°C (VRATIO = 5 V)
Figure 18. Typical Noise Spectral Density (COUT = 0.01 µF)
Figure 19. Typical Rate and Phase Response vs. Frequency (COUT = 470 pF
with a Series RC Low-Pass Filter of 3.3 kΩ and 22 nF)
Figure 20. Typical Output Nonlinearity
35
0
5
10
15
20
25
30
CURRENT CONSUMPTION (mA)
FREQUENCY (Hz)
0.001
1
0.1
0.01
0.1
1
10
100
1k
10k
0.1
1
10
–18
–15
–12
–9
–6
–3
0
–180
–150
–120
–90
–60
–30
0
FREQUENCY (kHz)
0.06
0.05
0.04
0.03
0.02
0.01
0
0.01
0.02
0.03
0.04
0
–1000
1000
2000
–2000
RATE (°/sec)
Rev. A | Page 8 of 10


同様の部品番号 - ADXRS645HDYZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646BBGZ AD-ADXRS646BBGZ Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
More results

同様の説明 - ADXRS645HDYZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS649BBGZ AD-ADXRS649BBGZ Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
ADXRS649 AD-ADXRS649 Datasheet
261Kb / 12P
   Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
REV. 0
ADXRS622 AD-ADXRS622 Datasheet
328Kb / 12P
   plus,minus250temperature/sec Yaw Rate Gyroscope
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
   짹150째/sec Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com