データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES5 データシート(PDF) 5 Page - Cyrustek corporation

部品番号 ES5
部品情報  True RMS-to-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYRUSTEK [Cyrustek corporation]
ホームページ  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5 データシート(HTML) 5 Page - Cyrustek corporation

  ES5 Datasheet HTML 1Page - Cyrustek corporation ES5 Datasheet HTML 2Page - Cyrustek corporation ES5 Datasheet HTML 3Page - Cyrustek corporation ES5 Datasheet HTML 4Page - Cyrustek corporation ES5 Datasheet HTML 5Page - Cyrustek corporation ES5 Datasheet HTML 6Page - Cyrustek corporation ES5 Datasheet HTML 7Page - Cyrustek corporation ES5 Datasheet HTML 8Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ver 1.1
14/10/21
5
ES5
True RMS-to-DC Converter
Standard Connection
The ES5 is simple to connect for a majority of rms measurements. In the standard rms
connection shown in Figure 1, only an external capacitor is required to set the
averaging time constant. In this configuration, the ES5 computes the True RMS value
of any input signal. The magnitude of an averaging error is dependent on the value of
the averaging capacitor, is existed at lower frequencies. For example, if the filter
capacitor, CAV, is 4.7μF, the error is 0.3% at 10Hz. To measure ac signal, the ES5 can be
ac-couples by adding a capacitor in series with the input, as shown in Figure 1.
The performance of the ES5 is tolerant of minor variations in the power supply voltages;
however, if the supplies used exhibit a considerable amount of high frequency ripple, it
is advisable to bypass both supplies to ground through a 0.1μF ceramic disc capacitor
places as close to the device as possible.
The output signal range of the ES5 is a function of the supply voltages, the output
signal can be used buffered or nonbuffered, depending on the characteristics of the load.
If no buffer is needed, tie the buffer input (Pin 1) to common. The output of the ES5 is
capable of driving 5mA into a 2KΩ load without degrading the accuracy of the device.
ABSOLUTE
VALUE
SQUARER/
BIAS
BUFFIN
COMMON
OUTPUT
CS
DEN
INPUT
+ Vs
1
2
3
4
5
7
6
NC
OFFSET
14
13
12
11
10
8
9
BUFFOUT
VIN
NC
+VS
RMSOUT
CAV
+ Vs
- Vs
- VS
VIN
( OPTIONAL)
NC
ES6
DIVIDER
+
-
+
-
+ CAV
VOUT
+
-
4.7K
4.7uF
22uF
Figure 1. Standard connection for ES5
ES5


同様の部品番号 - ES5

メーカー部品番号データシート部品情報
logo
Japan Aviation Electron...
ES5 JAE-ES5 Datasheet
505Kb / 9P
   Detachable locking structure (connector retention strength: 16N min.)
logo
Ecliptek Corporation
ES51 ECLIPTEK-ES51 Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5106E CYRUSTEK-ES5106E Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results

同様の説明 - ES5

メーカー部品番号データシート部品情報
logo
Analog Devices
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Analog Devices
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
   Integrated Circuit True RMS-to-DC Converter
Rev. F
AD536AJHZ AD-AD536AJHZ Datasheet
558Kb / 17P
   Integrated Circuit True RMS-to-DC Converter
Rev. E
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
AD536A AD-AD536A Datasheet
151Kb / 8P
   Integrated Circuit True RMS-to-DC Converter
REV. B
AD636 AD-AD636_13 Datasheet
444Kb / 16P
   Low Level, True RMS-to-DC Converter
REV. E
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com