データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES235 データシート(PDF) 11 Page - Cyrustek corporation

部品番号 ES235
部品情報  4000 Counts DMM / Peak
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYRUSTEK [Cyrustek corporation]
ホームページ  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES235 データシート(HTML) 11 Page - Cyrustek corporation

Back Button ES235 Datasheet HTML 7Page - Cyrustek corporation ES235 Datasheet HTML 8Page - Cyrustek corporation ES235 Datasheet HTML 9Page - Cyrustek corporation ES235 Datasheet HTML 10Page - Cyrustek corporation ES235 Datasheet HTML 11Page - Cyrustek corporation ES235 Datasheet HTML 12Page - Cyrustek corporation ES235 Datasheet HTML 13Page - Cyrustek corporation ES235 Datasheet HTML 14Page - Cyrustek corporation ES235 Datasheet HTML 15Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
V 2.2
11
2015/12/15
ES235
4000 Counts DMM / Peak
1.6.
SCAN RSDC measurement
ES235 provide the smart auto check mode for the DUT type. It could scan the four types of device
Resistor / Shorted / Diode / Capacitor. Push KEY to change to individual function is available. It
could increase the measurement ranges.
The following table summarizes the detective range for the smart scan RSDC mode.
Mode
FC1~4
SLACDC
Available scanning range
Scan RSDC
1,1,1,0
0
R: ~ 4M
Ω (Parasitic capacitance < 100pF)
S: < 30
Ω buzzer ON
D: forward/reverse diode direction
C: ~ 400uF (Minimum 500pF)
1.7.
Resistance Measurement
A re-configurable divider automatically provides a suitable Full-Scale range in resistance
measurement mode.
The following table summarizes the full-scale ranges and the reference resistors in each
configuration.
Configuration
Full Scale Range
Relative Resistor
Equivalent value
OR0
40.00
OR1
100Ω
OR1
40
0.0Ω
OR1
100Ω
OR2
4.0
00KΩ
VR5
1KΩ
OR3
40
.00KΩ
VR4 || VR1
10KΩ
OR4
40
0.0KΩ
VR3 || VR1
100KΩ
OR5
4.0
00MΩ
VR2 || VR1
1MΩ
OR6
40
.00MΩ
VR1
10MΩ


同様の部品番号 - ES235

メーカー部品番号データシート部品情報
logo
Power-One
ES2320-7R POWER-ONE-ES2320-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
Cyrustek corporation
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
More results

同様の説明 - ES235

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES278 CYRUSTEK-ES278 Datasheet
637Kb / 25P
   4000 Counts Manual DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
   2000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com