データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4726G データシート(PDF) 7 Page - Infineon Technologies AG

部品番号 TLE4726G
部品情報  2-Phase Stepper-Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4726G データシート(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4726G Datasheet HTML 3Page - Infineon Technologies AG TLE4726G Datasheet HTML 4Page - Infineon Technologies AG TLE4726G Datasheet HTML 5Page - Infineon Technologies AG TLE4726G Datasheet HTML 6Page - Infineon Technologies AG TLE4726G Datasheet HTML 7Page - Infineon Technologies AG TLE4726G Datasheet HTML 8Page - Infineon Technologies AG TLE4726G Datasheet HTML 9Page - Infineon Technologies AG TLE4726G Datasheet HTML 10Page - Infineon Technologies AG TLE4726G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TLE 4726
Data Sheet
7
1999-09-15
Oscillator
Output charging
current
Charging threshold
Discharging threshold
Frequency
I
OSC
V
OSCL
V
OSCH
f
OSC
18
110
1.3
2.3
25
40
µA
V
V
kHz
C
OSC = 2.2 nF
Phase Current Selection
Current Limit Threshold
No current
Hold
Setpoint
Accelerate
V
sense n
V
sense h
V
sense s
V
sense a
200
420
700
0
250
540
825
300
680
950
mV
mV
mV
mV
IX0 = H; IX1 = H
IX0 = L; IX1 = H
IX0 = H; IX1 = L
IX0 = L; IX1 = L
Logic Inputs
(
I
X1 ; IX0 ; Phase x)
Threshold
L-input current
L-input current
H-input current
V
I
I
IL
I
IL
I
IH
1.4
(H
→L)
– 10
– 100
2.3
(L
→H)
10
V
µA
µA
µA
V
I = 1.4 V
V
I = 0 V
V
I = 5 V
Standby Cutout (inhibit)
Threshold
Threshold
Hysteresis
V
Inh
(L
→H)
V
Inh
(H
→L)
V
Inhhy
2
1.7
0.3
3
2.3
0.7
4
2.9
1.1
V
V
V
Internal Z-Diode
Z-voltage
V
LZ
6.5
7.4
8.2
V
I
L = 50 mA
Characteristics (cont’d)
V
S = 40 V; VL = 5 V; – 25 °C ≤ Tj ≤ 125 °C
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.


同様の部品番号 - TLE4726G

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
TLE4726G INFINEON-TLE4726G Datasheet
469Kb / 15P
   0.8A DC Motor Driver for Servo Driver Applications
Rev. 1.4, May 2017
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
TLE4726G INFINEON-TLE4726G_17 Datasheet
469Kb / 15P
   0.8A DC Motor Driver for Servo Driver Applications
Rev. 1.4, May 2017
More results

同様の説明 - TLE4726G

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com