データシートサーチシステム |
|
3-1462000-0 データシート(PDF) 2 Page - Tyco Electronics |
|
3-1462000-0 データシート(HTML) 2 Page - Tyco Electronics |
2 / 9 page 2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil Features – Telecom/signal relay (dry circuit, test access, ringing) – Slim line 20 x 10 mm, 0.795 x 0.393 inch – Switching current 2 A – 2 changeover contacts (2 form C / DPDT) – Bifurcated contacts – Meets FCC Part 68 and ITU-T K20 Typical applications – Communications equipment Linecard application – analog, ISDN, xDSL PABX Voice over IP – Office and business equipment – Measurement and control equipment – Consumer electronics – Set top boxes, HiFi – Medical equipment - Automotive Equipment MT2 Relay UL 508 File No. E 111441 IEC 61811-52:02 (QC160504) Page 2 (9) 108-98006 Rev. C European Directive conformance: MT2 relay product conformance according to: - Directive 2000/53/EC: ELV (End of Life of Vehicles) - Directive 2002/95/EC: ROHS (Restrictions of the use of certain hazardous substances in electrical and electronic equipment) Compliance is evidenced by written declaration from all raw material suppliers. Tyco Electronics AXICOM only has responsibility for the proper processing of these materials. Confirmation is valid for date codes ≥ 0416 |
同様の部品番号 - 3-1462000-0 |
|
同様の説明 - 3-1462000-0 |