データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD17579Q3A データシート(PDF) 3 Page - Texas Instruments

部品番号 CSD17579Q3A
部品情報  N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17579Q3A データシート(HTML) 3 Page - Texas Instruments

  CSD17579Q3A_16 Datasheet HTML 1Page - Texas Instruments CSD17579Q3A_16 Datasheet HTML 2Page - Texas Instruments CSD17579Q3A_16 Datasheet HTML 3Page - Texas Instruments CSD17579Q3A_16 Datasheet HTML 4Page - Texas Instruments CSD17579Q3A_16 Datasheet HTML 5Page - Texas Instruments CSD17579Q3A_16 Datasheet HTML 6Page - Texas Instruments CSD17579Q3A_16 Datasheet HTML 7Page - Texas Instruments CSD17579Q3A_16 Datasheet HTML 8Page - Texas Instruments CSD17579Q3A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CSD17579Q3A
www.ti.com
SLPS527A – SEPTEMBER 2014 – REVISED JANUARY 2016
5 Specifications
5.1
Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 μA
30
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 24 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
1.1
1.5
1.9
V
VGS = 4.5 V, ID = 8 A
11.8
14.2
m
RDS(on)
Drain-to-source on-resistance
VGS = 10 V, ID = 8 A
8.7
10.2
m
gfs
Transconductance
VDS = 3 V, ID = 8 A
37
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
768
998
pF
Coss
Output capacitance
VGS = 0 V, VDS = 15 V, ƒ = 1 MHz
93
121
pF
Crss
Reverse transfer capacitance
38
49
pF
RG
Series gate resistance
1.9
3.8
Qg
Gate charge total (4.5 V)
5.3
6.9
nC
Qg
Gate charge total (10 V)
11.5
15.0
nC
Qgd
Gate charge gate-to-drain
VDS = 15 V, ID = 8 A
1.2
nC
Qgs
Gate charge gate-to-source
2.2
nC
Qg(th)
Gate charge at Vth
1.1
nC
Qoss
Output charge
VDS = 15 V, VGS = 0 V
3.0
nC
td(on)
Turn on delay time
2
ns
tr
Rise time
5
ns
VDS = 15 V, VGS = 10 V,
IDS = 8 A, RG = 0 Ω
td(off)
Turn off delay time
11
ns
tf
Fall time
1
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 8 A, VGS = 0 V
0.8
1.0
V
Qrr
Reverse recovery charge
3.4
nC
VDS= 15 V, IF = 8 A,
di/dt = 300 A/
μs
trr
Reverse recovery time
5
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance (1)
5.4
°C/W
RθJA
Junction-to-ambient thermal resistance(1)(2)
60
°C/W
(1)
RθJC is determined with the device mounted on a 1 inch
2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu pad on a 1.5 inch × 1.5 inch
(3.81 cm × 3.81 cm), 0.06 inch (1.52 mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD17579Q3A


同様の部品番号 - CSD17579Q3A_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD17579Q3A TI-CSD17579Q3A_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17579Q3A 30 V N-Channel NexFET Power MOSFETs
More results

同様の説明 - CSD17579Q3A_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com